Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIPY Datasheet(PDF) 24 Page - Pycom

Part # SIPY
Description  the only triple bearer MicroPython enabled micro controller on the market today – the perfect enterprise grade IoT platform for your connected Things.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYCOM [Pycom]
Direct Link  https://docs.pycom.io/
Logo PYCOM - Pycom

SIPY Datasheet(HTML) 24 Page - Pycom

Back Button SIPY Datasheet HTML 18Page - Pycom SIPY Datasheet HTML 19Page - Pycom SIPY Datasheet HTML 20Page - Pycom SIPY Datasheet HTML 21Page - Pycom SIPY Datasheet HTML 22Page - Pycom SIPY Datasheet HTML 23Page - Pycom SIPY Datasheet HTML 24Page - Pycom SIPY Datasheet HTML 25Page - Pycom SIPY Datasheet HTML 26Page - Pycom  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
24
22.0 Packaging
21.0 Ordering Information
Table 20 – Ordering information
Figure 10 – Mechanical drawing of packaging – Units: mm
The module will come inside a reusable anti–static bag. If the module has headers it
will also be inserted into anti–static foam.
Total weight inc. packaging (with headers): 31g
Total weight inc. packaging (without headers): 29g
For more product accessories like expansion board or cases visit our website: http://www.pycom.io
Bundle
Contents
SiPy Multi–Pack
1x SiPy4
1x Expansion Board or
Pysense or Pytrack
1x Sigfox antenna
Available in quantities of 1, 2 or 5
Product EAN
Description
0700461242659
SiPy 1.0 with Headers
(14 dBm)
0700461242666
SiPy 1.0 with Headers
(22 dBm)
0700461242734
SiPy 1.0 without headers
(14 dBm)
0700461242741
SiPy 1.0 without headers
(22 dBm)
0700461341703
Sigfox Antenna
0700461341680
External WiFi Antenna
0700461341697
IP67 Antenna Pigtail



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com