Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP8GF Datasheet(PDF) 7 Page - Clarke International

Part # AP8GF
Description  SPRAY GUN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

AP8GF Datasheet(HTML) 7 Page - Clarke International

Back Button AP8GF Datasheet HTML 3Page - Clarke International AP8GF Datasheet HTML 4Page - Clarke International AP8GF Datasheet HTML 5Page - Clarke International AP8GF Datasheet HTML 6Page - Clarke International AP8GF Datasheet HTML 7Page - Clarke International AP8GF Datasheet HTML 8Page - Clarke International AP8GF Datasheet HTML 9Page - Clarke International AP8GF Datasheet HTML 10Page - Clarke International AP8GF Datasheet HTML 11Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
OPERATION
The AP8GFM spray gun is fed with paint by gravity from the paint container.
The air-flow through the air cap draws paint into the nozzle assembly, where it
is atomised and sprayed forward.
The AP8GFM spray gun is supplied with one nozzle size, (0.8 mm). Ensure your
spray gun is matched to the capacity of your compressor.
Connect the air supply hose to the air inlet, (using a suitable in-line connector
if required).
PREPARATION BEFORE PAINTING
Mix the paint to the correct viscosity for spraying according to the
manufacturer’s instructions and strain it into the paint container through a fine
mesh filter. When mixing the paint, make sure that you have enough thinners
left to clean the spray gun after use.
Do not fill the paint container more
than 3/4 full. Make sure that the
threaded joint between the
container and the gun are clean and
before screwing the container on the
gun. Always clean around the
container sealing lip and keep the
container vent clear.
Remember that some modern paints
require specialist respiratory
protection...always consult the paint
manufacturers instructions.
Ensure that the area in which you will be spraying is clean and dust free. To
obtain best results, it is vital that the surface to be sprayed is well prepared. It
must be clean and dry, and free from dust, dirt oil or grease. Mask any area
that is not to be sprayed and cover adjacent equipment to protect from
overspray.
Check the paint manufacturer’s instructions for any special surface
preparation required.
REMEMBER - TIME SPENT PREPARING SAVES TIME SPENT FINISHING.
WARNING: NEVER ATTEMPT TO SPRAY UNLESS YOU ARE WEARING
SUITABLE, APPROVED RESPIRATORY AND EYE PROTECTION.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com