Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP8GF Datasheet(PDF) 14 Page - Clarke International

Part # AP8GF
Description  SPRAY GUN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

AP8GF Datasheet(HTML) 14 Page - Clarke International

Back Button AP8GF Datasheet HTML 8Page - Clarke International AP8GF Datasheet HTML 9Page - Clarke International AP8GF Datasheet HTML 10Page - Clarke International AP8GF Datasheet HTML 11Page - Clarke International AP8GF Datasheet HTML 12Page - Clarke International AP8GF Datasheet HTML 13Page - Clarke International AP8GF Datasheet HTML 14Page - Clarke International AP8GF Datasheet HTML 15Page - Clarke International AP8GF Datasheet HTML 16Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
PARTS LIST
ID
DESCRIPTION
ID
DESCRIPTION
1
Gun Body
24 Trigger Pin Gasket
2
Sealing Gasket
25 Trigger
3
Needle Sealing Spring
26 Trigger Pin
4
Gasket Needle
27 Fulcrum Pin
5
Needle Sealing Sheath
28 Trigger Gasket
6
Sealing Screw
29 Sealing Gasket
7
Airflow Separating Ring
30 Pattern Adjustment Seat
8
Material Nozzle
31 Pattern Adjustment Stem
9
Locknut
32 Pattern Adjusting Knob
10 Sealing Gasket
33 Bolt M2.5 x 4
11 Air Cap
34 Steel Ball 4 mm
12 Air Nozzle
35 Needle Adjusting Seat
13 Air Valve Spring
36 Needle Sub-assembly
14 Air Valve Stem
37 Needle Adjust Spring
15 Sealing Gasket
38 Needle Spring Seat
16 Air Valve Body
39 Needle Adjusting Knob
17 Sealing Screw
40 Paint Passage Connector
18 Opening Stopper
41 Trap Valve A
19 Airflow Adjusting Seat
42 Cup Sub-assembly
20 Airflow Adjusting Knob
43 Spanner
21 Sealing Ring
44 Cleaning Brush
22 Air Joint
45 User Manual
23 Circlip



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com