Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP8GF Datasheet(PDF) 3 Page - Clarke International

Part # AP8GF
Description  SPRAY GUN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

AP8GF Datasheet(HTML) 3 Page - Clarke International

  AP8GF Datasheet HTML 1Page - Clarke International AP8GF Datasheet HTML 2Page - Clarke International AP8GF Datasheet HTML 3Page - Clarke International AP8GF Datasheet HTML 4Page - Clarke International AP8GF Datasheet HTML 5Page - Clarke International AP8GF Datasheet HTML 6Page - Clarke International AP8GF Datasheet HTML 7Page - Clarke International AP8GF Datasheet HTML 8Page - Clarke International AP8GF Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
GENERAL SAFETY RULES
Before using this equipment it is in your own interest to read and pay attention
to the following safety rules.
1. Keep the work area clean. Cluttered areas invite injuries. Keep work area
well lit.
2. Keep children away. Children must never be allowed in the work area.
3. Store idle equipment. When not in use, tools should be locked up in a dry
location. Always lock up tools and keep out of reach of children.
4. Use eye protection. Always wear approved safety goggles.
5. Stay alert. Watch what you are doing, use common sense. Do not operate
any tool when you are tired.
6. Check for damaged parts. Before using any tool, any part that appears
damaged should be carefully checked to determine that it will operate
properly and perform its intended function.
7. Do not operate any tool if under the influence of alcohol or drugs. If there is
any doubt, do not operate the tool.
COMPRESSED AIR EQUIPMENT
1. Compressed air can be dangerous. Ensure that you are thoroughly familiar
with all precautions relating to the use of compressors and a compressed
air supply.
2. Never direct a jet of compressed air at people or animals.
3. Always ensure that the equipment being used has a safe working pressure
exceeding the output pressure of the compressor that it is connected to.
4. Always ensure that the air supply is turned off at the tool outlet and vent all
compressed air from within the air hose and the equipment attached to it,
before disconnecting air hoses or other equipment from your compressor.
5. Ensure all fixed airline connections are properly sealed using teflon tape or
pipe sealant.
6. Never exceed the operating pressure of 50 psi.
PAINT SPRAYING EQUIPMENT
We strongly recommend that paint spraying equipment be used in
conjunction with appropriate eye and face protecting goggles, glasses or
spray masks available from most DIY and hardware stores.
1. Always keep the equipment perfectly clean. This will not only prolong its life
but will also ensure you get the best results. See Maintenance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com