Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP8GF Datasheet(PDF) 9 Page - Clarke International

Part # AP8GF
Description  SPRAY GUN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

AP8GF Datasheet(HTML) 9 Page - Clarke International

Back Button AP8GF Datasheet HTML 5Page - Clarke International AP8GF Datasheet HTML 6Page - Clarke International AP8GF Datasheet HTML 7Page - Clarke International AP8GF Datasheet HTML 8Page - Clarke International AP8GF Datasheet HTML 9Page - Clarke International AP8GF Datasheet HTML 10Page - Clarke International AP8GF Datasheet HTML 11Page - Clarke International AP8GF Datasheet HTML 12Page - Clarke International AP8GF Datasheet HTML 13Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
ADJUSTMENTS OF THE SPRAY GUN
ADJUSTING THE PAINT FLOW
1. Set the Paint Flow Adjustment knob (8) according to the paint in use and
the spray pattern required. (anticlockwise to increase, clockwise to reduce
flow).
ADJUSTING THE SPRAY PATTERN
1. Turn the Pattern Adjustment knob (9) anticlockwise to give a fan shaped
spray pattern, turning clockwise to give a circular spray pattern.
2. You can adjust the orientation of the fan either vertically or horizontally to
suit your requirements by turning the side wings (2) to the desired position.
• As the width of the spray is increased, paint flow will also need to be
increased.
ADJUSTING THE AIR FLOW
1. To increase the air flow, turn the Airflow Adjustment knob anticlockwise to
increase and clockwise to decrease the air pressure.
• The air flow needed will vary according to the paint in use, with
thicker paints needing more air.
SPRAYING TECHNIQUES
Practice spraying on a piece of material with the same type of surface as the
article you wish to spray, e.g. metal for a car body panel, wood for a piece of
furniture etc.
Always make adjustments to the spray pattern according to the
conditions.You may need to increase the paint and air flow when using a
wider fan setting.
To reduce overspray, always use the lowest possible air pressure that produces
an acceptable spray pattern.
• If the gun is too far from the surface or the paint is too thin, the paint
will start to dry before hitting the surface, resulting in a rough, sandy
finish. Allowing overspray to fall on a finished area will also result in a
rough finish. Too much paint feed or holding the gun too close to the
work will lead to runs and sagging.
• The paint should be agitated by gentle shaking at regular intervals
during use to ensure consistency and avoid colour difference due to
the paint settling in the container.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com