Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP8GF Datasheet(PDF) 11 Page - Clarke International

Part # AP8GF
Description  SPRAY GUN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

AP8GF Datasheet(HTML) 11 Page - Clarke International

Back Button AP8GF Datasheet HTML 7Page - Clarke International AP8GF Datasheet HTML 8Page - Clarke International AP8GF Datasheet HTML 9Page - Clarke International AP8GF Datasheet HTML 10Page - Clarke International AP8GF Datasheet HTML 11Page - Clarke International AP8GF Datasheet HTML 12Page - Clarke International AP8GF Datasheet HTML 13Page - Clarke International AP8GF Datasheet HTML 14Page - Clarke International AP8GF Datasheet HTML 15Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
• The material deposited should always be even and wet. Lap each
stroke over the preceding stroke to obtain a uniform finish.
• To ensure the edges are covered, start spraying just to the side of the
area being sprayed and do not stop until the spray has gone past
the opposite edge.
• Damage to the needle or nozzle, or any of the air ports, will result in a
faulty spray pattern. Take care when cleaning or assembling these
components.
MAINTENANCE
It is essential that the spray gun is kept clean. Dried paint in the nozzle
assembly or airways will stop the gun from working. For the gun to perform at
its best it must be thoroughly cleaned after every use.
CLEANING PROCEDURE
1. After use, empty any remaining paint from the paint container, wipe the
container clean with a dry, lint free rag, and fill with thinner. Spray the
thinners through the spray gun until it is clean.
2. Residue from dirty solvent may clog the narrow air passages in the gun. Use
a cleaning brush and solvent to wash off accumulated paint.
3. Wipe down the outside of the gun with a solvent dampened cloth.
• DO NOT poke any of the holes in the air cap or nozzle with metal
instruments. These holes are precision drilled and can be damaged
by probing with anything harder than a wooden toothpick.
4. Make sure that the air inlet vent to the paint container is kept clean.
Blockages in this vent will prevent an even material flow through the gun.
• Component parts of spray guns are supplied in matched sets and
should only be used together.
• Do not overtighten components, and be careful not to cross thread
any parts on assembly.
• Never use silicon based lubricants as this may cause paint finish
defects.
5. Check the air supply hose regularly for any signs of damage and replace it
if necessary. Do not use damaged or leaking hoses.
• Finally, empty the spray gun and dry all components thoroughly.
Store in a clean, dry place.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com