Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP8GF Datasheet(PDF) 10 Page - Clarke International

Part # AP8GF
Description  SPRAY GUN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

AP8GF Datasheet(HTML) 10 Page - Clarke International

Back Button AP8GF Datasheet HTML 6Page - Clarke International AP8GF Datasheet HTML 7Page - Clarke International AP8GF Datasheet HTML 8Page - Clarke International AP8GF Datasheet HTML 9Page - Clarke International AP8GF Datasheet HTML 10Page - Clarke International AP8GF Datasheet HTML 11Page - Clarke International AP8GF Datasheet HTML 12Page - Clarke International AP8GF Datasheet HTML 13Page - Clarke International AP8GF Datasheet HTML 14Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
To obtain the best results, keep your
spray gun level and parallel to the
surface at all times. Keep the nozzle
23 - 30 cm from the surface and spray
evenly from side to side or up and
down. Use your arm to control the
spray gun, not your wrist.
The gun should be perpendicular to
the surface being covered and
moved parallel with it. The stroke
should be started before the trigger is pulled and likewise released before the
stroke is ended. This gives accurate control of the gun and material.
Do not spray at an angle as this will
lead to paint runs on the surface.
Always use smooth and even strokes.
When spraying large areas, using a
criss-cross pattern as shown.
Never start or stop the spray gun
while it is aimed at the surface to be
sprayed. Evenly control the speed of
movement of the spray gun.
• Moving quickly over the
surface will give a thin coat
and slow movement will give a
heavy coat.
• Apply one coat at a time. If a further coat is required, make sure you
observe the manufacturers drying time recommendations before
applying a second coat.
• When spraying small areas, keep the output control on a low setting
as this will avoid using too much paint and prevent overspray.
• Where possible, avoid stopping and starting when spraying an
object. This can lead to too much, or not enough paint being
applied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com