Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QST104 Datasheet(PDF) 1 Page - STMicroelectronics

Part # QST104
Description  Capacitive touch sensor device 4 keys with individual key state outputs or I2C interface
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

QST104 Datasheet(HTML) 1 Page - STMicroelectronics

  QST104 Datasheet HTML 1Page - STMicroelectronics QST104 Datasheet HTML 2Page - STMicroelectronics QST104 Datasheet HTML 3Page - STMicroelectronics QST104 Datasheet HTML 4Page - STMicroelectronics QST104 Datasheet HTML 5Page - STMicroelectronics QST104 Datasheet HTML 6Page - STMicroelectronics QST104 Datasheet HTML 7Page - STMicroelectronics QST104 Datasheet HTML 8Page - STMicroelectronics QST104 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
February 2008
Rev 2
1/45
1
QST104
Capacitive touch sensor device
4 keys with individual key state outputs or I2C interface
Features
■ Patented charge-transfer design
■ Up to 4 independent QTouch™ keys supported
■ Individual key state outputs or I2C interface
■ Fully “debounced” results
■ Patented AKS™ Adjacent Key Suppression
■ Self-calibration and auto drift compensation
■ Spread-spectrum bursts to reduce EMI
■ Up to 13 general-purpose outputs
■ ECOPACK® (RoHS compliant) package
Applications
This device specifically targets human interfaces
and front panels for a wide range of applications
such as PC peripherals, home entertainment
systems, gaming devices, lighting and appliance
controls, remote controls, etc.
QST devices are designed to replace mechanical
switching/control devices and the reduced
number of moving parts in the end product
provides the following advantages:
■ Lower customer service costs
■ Reduced manufacturing costs
■ Increased product lifetime
Description
The QST104 is the ideal solution for the design of
capacitive touch sensing user interfaces.
Touch-sensitive controls are increasingly
replacing electromechanical switches in home
appliances, consumer and mobile electronics,
and in computers and peripherals. Capacitive
touch controls allow designers to create stylish,
functional, and economical designs which are
highly valued by consumers, often at lower cost
than the electromechanical solutions they
replace.
The QST104 QTouch™ sensor IC is a pure digital
solution based on Quantum's patented charge-
transfer (QProx™) capacitive technology.
QTouch™ and QProx™ are trademarks of the
Quantum Research Group.
Table 1.
Device summary
Feature
Order code
QST104KT6
Operating supply voltage 2.4 to 5.5 V
Supported interfaces
Individual key state outputs
or I2C Interface
Operating temperature
-40° to +85° C
Package
LQFP32 (7x7 mm)
LQFP32 (7x7 mm)
www.st.com


Similar Part No. - QST104

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
QST108 STMICROELECTRONICS-QST108 Datasheet
633Kb / 38P
Capacitive touch sensor device 8 keys with individual key state outputs or I2C interface
26-Sep-2007
QST108 STMICROELECTRONICS-QST108 Datasheet
807Kb / 51P
Capacitive touch sensor device 8 keys with individual key state outputs or I2C interface
11-Jul-2008
QST108AB0 STMICROELECTRONICS-QST108AB0 Datasheet
807Kb / 51P
Capacitive touch sensor device 8 keys with individual key state outputs or I2C interface
11-Jul-2008
QST108AB1 STMICROELECTRONICS-QST108AB1 Datasheet
807Kb / 51P
Capacitive touch sensor device 8 keys with individual key state outputs or I2C interface
11-Jul-2008
QST108AH0 STMICROELECTRONICS-QST108AH0 Datasheet
807Kb / 51P
Capacitive touch sensor device 8 keys with individual key state outputs or I2C interface
11-Jul-2008
More results

Similar Description - QST104

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
QST108 STMICROELECTRONICS-QST108 Datasheet
633Kb / 38P
Capacitive touch sensor device 8 keys with individual key state outputs or I2C interface
26-Sep-2007
QST108 STMICROELECTRONICS-QST108_08 Datasheet
807Kb / 51P
Capacitive touch sensor device 8 keys with individual key state outputs or I2C interface
11-Jul-2008
logo
EM Microelectronic - MA...
EM6420 EMMICRO-EM6420 Datasheet
110Kb / 1P
Ultra Low Power Capacitive Touch Sensor Interface IC
logo
Integrated Silicon Solu...
IS31SE5104 ISSI-IS31SE5104 Datasheet
402Kb / 13P
4-CH CAPACITIVE TOUCH SENSOR WITH AUTO CALIBRATION
logo
EM Microelectronic - MA...
EM6420 EMMICRO-EM6420_12 Datasheet
849Kb / 54P
Ultra Low Power Capacitive Touch Sensor Interface IC
logo
Avia Semiconductor Co.,...
HX610 AVIA-HX610 Datasheet
56Kb / 1P
6-Key Capacitive Touch Key Controller
HX612 AVIA-HX612 Datasheet
55Kb / 1P
Capacitive Touch Key Controller (over 25 keys)
logo
Generalplus Technology ...
GPM8F372A GENERALPLUS-GPM8F372A Datasheet
301Kb / 10P
Capacitive Touch Sensor Slider Key of LED Lamp
GPM8F377A GENERALPLUS-GPM8F377A Datasheet
376Kb / 16P
Capacitive Touch M-KEY Sensor
logo
Shanghai awinic technol...
AW9203 AWINIC-AW9203 Datasheet
1Mb / 30P
3-Key Capacitive Touch Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com