Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QST104 Datasheet(PDF) 4 Page - STMicroelectronics

Part # QST104
Description  Capacitive touch sensor device 4 keys with individual key state outputs or I2C interface
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

QST104 Datasheet(HTML) 4 Page - STMicroelectronics

  QST104 Datasheet HTML 1Page - STMicroelectronics QST104 Datasheet HTML 2Page - STMicroelectronics QST104 Datasheet HTML 3Page - STMicroelectronics QST104 Datasheet HTML 4Page - STMicroelectronics QST104 Datasheet HTML 5Page - STMicroelectronics QST104 Datasheet HTML 6Page - STMicroelectronics QST104 Datasheet HTML 7Page - STMicroelectronics QST104 Datasheet HTML 8Page - STMicroelectronics QST104 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
Device overview
QST104
4/45
1
Device overview
The QST104 capacitive touch sensor IC is a pure digital solution based on Quantum's
patented charge-transfer (QProx™) capacitive technology.
This technology allows users to create simple touch panel sensing electrode interfaces for
conventional or flexible printed circuit boards (PCB/FPCB). Sensing electrodes are part of
the PCB layout (copper pattern or printed conductive ink) and may be used in various
shapes (circle, rectangular, etc.).
By implementing the QProx™ charge-transfer algorithm, the QST104 detects finger
presence (human touch) near electrodes behind a dielectric (glass, plastic, wood, etc.). Only
one external sampling capacitor by channel is used in the measuring circuitry to control the
detection.
QST technology also incorporates advanced processing techniques such as drift
compensation, auto-calibration, noise filtering, and Quantum's patented Adjacent Key
Suppression™ (AKS™) to ensure maximum usability and control integrity.
In order to meet environmental requirements, ST offers this device in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97.
The maximum ratings related to soldering conditions are also marked on the inner box label.
ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com