Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QST104 Datasheet(PDF) 13 Page - STMicroelectronics

Part # QST104
Description  Capacitive touch sensor device 4 keys with individual key state outputs or I2C interface
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

QST104 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button QST104 Datasheet HTML 9Page - STMicroelectronics QST104 Datasheet HTML 10Page - STMicroelectronics QST104 Datasheet HTML 11Page - STMicroelectronics QST104 Datasheet HTML 12Page - STMicroelectronics QST104 Datasheet HTML 13Page - STMicroelectronics QST104 Datasheet HTML 14Page - STMicroelectronics QST104 Datasheet HTML 15Page - STMicroelectronics QST104 Datasheet HTML 16Page - STMicroelectronics QST104 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
QST104
Device operating modes
13/45
4.5.2
KOUT outputs
KOUTn outputs directly reflect the state of keys. These pins are push-pull outputs. Under
RESET, these pins are floating and their state depends on the option resistors. Pins KOUTn
are active high meaning that when a key is “touched”, the corresponding KOUT pin outputs
a ‘1’.
Figure 3.
Stand-alone mode typical schematic
Ai12572
MOD_1
MOD_0/KOUT4
LP/KOUT3
AKS/KOUT2
VSS_1
VSS_2
VSS_3
VSS_4
VDD_1
VDD_2
RESET
VUNREG
4.7µF
4.7µF
2.4~5.5V
Volt. Reg.
OM
MODE/KOUT1
Binary-
coded
Output
Mode
10nF
To Host
100nF
100nF
SNS_SCK1
SNSK_SCK1
Key1
RS1
10k
Ω
CS1
Keep these parts close to IC
SNS_SCK2
SNSK_SCK2
Key2
RS2
10k
Ω
CS2
SNS_SCK3
SNSK_SCK3
Key3
RS3
10k
Ω
CS3
SNS_SCK4
SNSK_SCK4
Key4
RS4
10k
Ω
CS4
1
2
3
6
8
9
101112
13
14
15
16
17
18
19
20
21
30
31
32
1M
Ω
VDD
VSS
1M
Ω
VDD
VSS
KOUT4
1M
Ω
VDD
VSS
KOUT3
1M
Ω
VDD
VSS
KOUT2
1M
Ω
VDD
KOUT1
VDD
1M
Ω
VDD
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com