Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QST104 Datasheet(PDF) 43 Page - STMicroelectronics

Part # QST104
Description  Capacitive touch sensor device 4 keys with individual key state outputs or I2C interface
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

QST104 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button QST104 Datasheet HTML 37Page - STMicroelectronics QST104 Datasheet HTML 38Page - STMicroelectronics QST104 Datasheet HTML 39Page - STMicroelectronics QST104 Datasheet HTML 40Page - STMicroelectronics QST104 Datasheet HTML 41Page - STMicroelectronics QST104 Datasheet HTML 42Page - STMicroelectronics QST104 Datasheet HTML 43Page - STMicroelectronics QST104 Datasheet HTML 44Page - STMicroelectronics QST104 Datasheet HTML 45Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 43 / 45 page
background image
QST104
Device revision information
43/45
9
Device revision information
9.1
Device revision identification
The marking on the right side of the second line (Line B) of the package top face identifies
the device revision.
Figure 22.
Device revision identification (TQFP package)
The device revision can also be obtained using the GET_DEVICE_INFO I2C command. For
more information, refer to Section 4.9: Supported commands on page 16.
9.2
Device revision history
This section identifies the device deviations from the present specification for each device
revision.
9.2.1
Revision 1.0
When the device enters low power mode, an additional sleep time is inserted after each
burst, instead of once after every complete burst cycle. As a result, if only one burst is
required, the sleep duration during low power mode is doubled. And if two bursts are
required, the sleep duration is tripled.
In standalone mode, the 100ms sleep duration low power becomes either a 200ms or
300ms sleep duration depending on the number of bursts required.
In I2C mode, it is required to program a sleep duration for one half or a third of the desired
sleep duration depending on the number of bursts required.
GET_PROTOCOL_VERSION returns 0x01 as I2CSpeed byte while it should return 0x00
(maximum speed is 100 kHz).
Table 34.
Device revision identification
Marking
Device revision
H00
V 1.0
QST104
QRG
H00
A
B
C
DE
FG
H
I
J
K
a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com