Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QST104 Datasheet(PDF) 10 Page - STMicroelectronics

Part # QST104
Description  Capacitive touch sensor device 4 keys with individual key state outputs or I2C interface
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

QST104 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button QST104 Datasheet HTML 6Page - STMicroelectronics QST104 Datasheet HTML 7Page - STMicroelectronics QST104 Datasheet HTML 8Page - STMicroelectronics QST104 Datasheet HTML 9Page - STMicroelectronics QST104 Datasheet HTML 10Page - STMicroelectronics QST104 Datasheet HTML 11Page - STMicroelectronics QST104 Datasheet HTML 12Page - STMicroelectronics QST104 Datasheet HTML 13Page - STMicroelectronics QST104 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
QST touch sensing technology
QST104
10/45
Caution:
When only one key is enabled or if keys are very close together, the common drift
compensation must be disabled or its rate must be reduced to ensure correct device
operation.
3.11
Adjacent key suppression (AKS™)
Adjacent key suppression (AKS™) is a Quantum-patented feature which prevents multiple
keys from responding to a single touch. This can happen with closely spaced keys, or a
scroll wheel that has buttons very near it.
The QST104 supports two AKS modes:
●
Locking AKS
Once a key is considered as “touched”, all other keys are locked in an untouched state.
To unlock these keys, the touched key must return to an untouched state. Then, the key
having the lowest key ID number is declared as the “touched” one.
●
Unlocking AKS
On each acquisition, the signal strengths from each key are compared and the key with
the highest signal level is declared as the “touched” one.
In I2C mode, up to 8 AKS groups can be specified.
Note:
All keys belonging to the same AKS group must have the same AKS mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com