Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QST104 Datasheet(PDF) 12 Page - STMicroelectronics

Part # QST104
Description  Capacitive touch sensor device 4 keys with individual key state outputs or I2C interface
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

QST104 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button QST104 Datasheet HTML 8Page - STMicroelectronics QST104 Datasheet HTML 9Page - STMicroelectronics QST104 Datasheet HTML 10Page - STMicroelectronics QST104 Datasheet HTML 11Page - STMicroelectronics QST104 Datasheet HTML 12Page - STMicroelectronics QST104 Datasheet HTML 13Page - STMicroelectronics QST104 Datasheet HTML 14Page - STMicroelectronics QST104 Datasheet HTML 15Page - STMicroelectronics QST104 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 45 page
background image
Device operating modes
QST104
12/45
●
Deep Sleep mode
In Deep Sleep mode, the device enters a very low power mode indefinitely. The device
resumes its operations after receiving an I2C frame with any address or a reset.
Caution:
If an I2C frame is received while in Sleep or Deep Sleep mode, the device wakes up but
does not acknowledge the frame (even if it has an I2C frame with the device address). The
host must therefore send again the frame until it is taken in account and acknowledged.
4.4
Mode selection
The device options are configured by connecting pull-up or pull-down resistors on OPTn
pins. The device operating mode is selected using option pin 1 (OPT1) while the device
settings are configured using option pins OPT2 to OPT6 (Table 3). Option pins are sampled
at power-up and after a reset.
To fit most applications, the QST104 device offers two different operating modes:
●
Stand-alone mode
This mode allows the user to simply replace existing mechanical switches with a
capacitive sensing solution. It is designed for maximum flexibility and can
accommodate most popular sensing requirements via option resistors (AKS, Low
power, Max On-Duration and output modes).
In this mode, the 4 output pins reflect the status of the 4 sensing channels.
●
I2C mode
In this mode, which is the most open one, the device is driven using the I2C interface.
To avoid polling, the QST device features an output interrupt pin (IRQ). The IRQ line
reports all key changes to the Master device. The QST (Slave) device can drive up to
13 general-purpose outputs.
4.5
Stand-alone mode
This mode allows the user to simply replace existing mechanical switch interface with a
capacitive sensing solution. It is designed for maximum flexibility and can accommodate
most popular sensing requirements via option resistors (see Figure 3).
4.5.1
Main features
●
Pins KOUT1 to KOUT4 directly reflect the state of keys
●
Selectable global adjacent key suppression (AKS™)
●
Selectable sleep duration
●
Selectable Max On-Duration values
●
Selectable BCD mode
Table 3.
Operating modes
OPT1: Mode selection
Option resistor function
OPT2
OPT3
OPT4
OPT5
OPT6
Pin OPT1 is high at start-up Stand-alone mode
AKS
LP
MOD_0 MOD_1
OM
Pin OPT1 is low at start-up
I2C mode
ADD0
ADD1
ADD2
Unused Unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com