Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JSMSI1350 Datasheet(PDF) 6 Page - Clarke International

Part # JSMSI1350
Description  SODIUM ION JUMPSTARTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

JSMSI1350 Datasheet(HTML) 6 Page - Clarke International

Back Button JSMSI1350 Datasheet HTML 2Page - Clarke International JSMSI1350 Datasheet HTML 3Page - Clarke International JSMSI1350 Datasheet HTML 4Page - Clarke International JSMSI1350 Datasheet HTML 5Page - Clarke International JSMSI1350 Datasheet HTML 6Page - Clarke International JSMSI1350 Datasheet HTML 7Page - Clarke International JSMSI1350 Datasheet HTML 8Page - Clarke International JSMSI1350 Datasheet HTML 9Page - Clarke International JSMSI1350 Datasheet HTML 10Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
CHARGING THE DEVICE
CHARGING
You can charge the jumpstarter using:
• The 12V DC USB car adapter.
• A device with a USB output socket.
1. Plug the USB-C charging cable into the
jumpstarter PD60W input port and the other end
in to a suitable car adapter socket, or into any
other suitable power source.
• If you are using a car adapter socket it is
recommended that you start the engine.
• If no suitable USB-C power socket or power
source is available a USB-A to USB-C cable (not
supplied) can be used instead.
2. Disconnect the charger when fully charged.
TO GET THE MAXIMUM LIFE FROM THE BATTERY
• Charge the jumpstarter before first use.
• Charge the jumpstarter at least every 3 months and after each use
• DO NOT leave in a state of discharge.
OPERATION
WORKLIGHT
1. Press and hold the POWER button for
2 seconds to turn the jumpstarter on.
2. Then double press the POWER
button to turn the worklight on.
3. Press the POWER button again to put
the worklight into a Morse code S-O-S pattern.
4. Press the POWER button again to put the worklight into a fast flashing pattern.
5. Press the POWER button again to turn the worklight off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com