Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JSMSI1350 Datasheet(PDF) 8 Page - Clarke International

Part # JSMSI1350
Description  SODIUM ION JUMPSTARTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

JSMSI1350 Datasheet(HTML) 8 Page - Clarke International

Back Button JSMSI1350 Datasheet HTML 4Page - Clarke International JSMSI1350 Datasheet HTML 5Page - Clarke International JSMSI1350 Datasheet HTML 6Page - Clarke International JSMSI1350 Datasheet HTML 7Page - Clarke International JSMSI1350 Datasheet HTML 8Page - Clarke International JSMSI1350 Datasheet HTML 9Page - Clarke International JSMSI1350 Datasheet HTML 10Page - Clarke International JSMSI1350 Datasheet HTML 11Page - Clarke International JSMSI1350 Datasheet HTML 12Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
NOTE: This device will not jumpstart a vehicle if the battery is very low.
NOTE: Ensure that the jumpstarter is at least 80% charged before you attempt
to jumpstart.
CONNECTING THE JUMPER CABLE TO THE JUMPSTARTER
1. Lift the rubber plug and insert the
jumpstarter cable connector into the vehicle
starter cable port.
• The LEDs on the smart cable will indicate
the units internal battery voltage status
and the display symbols will flash.
CONNECTING THE START LEADS TO THE VEHICLE BATTERY
ALWAYS carry out the following preliminary checks before connecting the jump-start
to the car battery:
• Switch off the vehicle ignition and all ancillary equipment (lighting, radio etc.)
• Ensure the vehicle battery is rated at 12V and not damaged in any way.
• Ensure the area is well ventilated.
• Make sure that the battery terminals are clean and the clamps are firm and
secure.
• If fitted, remove any vehicle battery filler plugs and check the electrolyte
level. If necessary, top up with distilled water.
• Verify the jump starter is fully charged and recharge if needed.
1. Connect the red positive (+) clamp to the positive (+) battery terminal first. Take
care the clamps DO NOT touch any moving parts or fuel lines.
2. Connect the black clamp to the earthed battery terminal, (this is usually the
negative (-ve) terminal and coloured BLACK) or to a suitable earthing point on the
vehicle chassis ensuring the connections are firm and secure. Consult the vehicle
manual for correct connection position.
CAUTION: TO AVOID DAMAGE TO THE VEHICLE'S ELECTRICAL SYSTEM, DO
NOT USE THE JUMP STARTER ON A VEHICLE THAT HAS NO BATTERY
INSTALLED.
CAUTION: DO NOT TOUCH POSTIVE AND NEGATIVE BATTERY CLAMPS
TOGETHER.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com