Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JSMSI1350 Datasheet(PDF) 7 Page - Clarke International

Part # JSMSI1350
Description  SODIUM ION JUMPSTARTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

JSMSI1350 Datasheet(HTML) 7 Page - Clarke International

Back Button JSMSI1350 Datasheet HTML 3Page - Clarke International JSMSI1350 Datasheet HTML 4Page - Clarke International JSMSI1350 Datasheet HTML 5Page - Clarke International JSMSI1350 Datasheet HTML 6Page - Clarke International JSMSI1350 Datasheet HTML 7Page - Clarke International JSMSI1350 Datasheet HTML 8Page - Clarke International JSMSI1350 Datasheet HTML 9Page - Clarke International JSMSI1350 Datasheet HTML 10Page - Clarke International JSMSI1350 Datasheet HTML 11Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
CHARGING ELECTRONIC PRODUCTS
The jumpstarter has two USB-A ports (1
x QC3.0 quick charge port & 1 x 5V/2.4A
standard port) and one USB-C port.
1. Connect one end of a charging cable
(USB-C to USB-C or USB-A to USB-C)
to the corresponding output port of
the jumpstarter.
2. Connect the other end of the cable to your device(s).
3. If using a USB-C to USB-C cable, the jumpstarter will automatically start charging
your device; if using a USB-A to USB-C cable (not supplied), press and hold the
POWER button for 2 seconds to turn the jumpstarter on, then the jumpstarter will
start to charge your device(s).
RUNNING/CHARGING VIA DC PORT
1. Verify the jumpstarter is fully charged. Recharge if
needed.
2. Make sure the appliance has a maximum voltage of 15V
and is turned off.
3. Connect the appliance into the DC outlet 5521 socket
(5.5 x 2.1mm).
4. Turn on the appliance.
5. When finished, turn off and unplug the appliance.
6. Recharge the jump starter.
• A mobile phone may typically take one hour to
recharge.
• The jumpstarter will power off automatically when no load is found.
JUMP STARTING A VEHICLE
WARNING: IT IS POSSIBLE THAT SOME ELECTRONIC EQUIPMENT
COULD BE DAMAGED BY JUMP STARTING. ALWAYS CHECK WITH
THE CAR MANUFACTURER’S HANDBOOK TO DETERMINE WHAT
PRECAUTIONS IF ANY SHOULD BE TAKEN.
WARNING: FAILURE TO FOLLOW THE INSTRUCTIONS BELOW AND
THE SAFETY INSTRUCTIONS ON PAGES 3-4 MAY RESULT IN
PERSONAL INJURY, DAMAGE TO THE VEHICLE OR BATTERY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com