Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JSMSI1350 Datasheet(PDF) 3 Page - Clarke International

Part # JSMSI1350
Description  SODIUM ION JUMPSTARTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

JSMSI1350 Datasheet(HTML) 3 Page - Clarke International

  JSMSI1350 Datasheet HTML 1Page - Clarke International JSMSI1350 Datasheet HTML 2Page - Clarke International JSMSI1350 Datasheet HTML 3Page - Clarke International JSMSI1350 Datasheet HTML 4Page - Clarke International JSMSI1350 Datasheet HTML 5Page - Clarke International JSMSI1350 Datasheet HTML 6Page - Clarke International JSMSI1350 Datasheet HTML 7Page - Clarke International JSMSI1350 Datasheet HTML 8Page - Clarke International JSMSI1350 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
GENERAL SAFETY
1.
DO NOT leave the device exposed to the elements. Avoid direct sunlight, direct
heat, rain/moisture etc.
2.
The device must only be used indoors or completely protected from the rain.
This also applies to any device being powered by the jumpstarter.
3.
DO NOT operate the device if any of the cables are damaged. Consult your
CLARKE dealer for repair or replacement of the parts.
4.
DO NOT operate the device if the case is damaged. Consult your CLARKE dealer
or a qualified person for inspection and repair.
5.
To prevent the battery from overheating and consequent damage, DO NOT
exceed our recommendations for the duration of jump starting.
6.
The unit is NOT designed to be used as a replacement for a vehicle battery.
7.
NEVER allow the battery to become completely discharged.
8.
NEVER jump start the engine whilst the unit is being charged.
9.
NEVER attempt any repairs yourself. If you have a problem with the jumpstarter
contact your local CLARKE dealer.
10. ALWAYS keep your body and clothing dry. NEVER work in a damp area without
adequate insulation against electric shock.
11. ALWAYS wear safety glasses when working with lead acid batteries.
12. If splashed by battery acid, immediately flush the area of the splash with clean
water. If a burning sensation is felt or any blistering occurs, seek medical help.
13. If battery acid comes into contact with the eyes, flush the eyes with clean water
continuously and seek medical help.
14. ALWAYS ensure that there is air circulating around the unit when in use.
15. When not in use, store in a safe dry place out of reach of children.
16. NEVER allow the jumpstart leads, to touch each other or to touch the same
metal object when installed on the jumpstarter.
WARNING: ALL LEAD ACID BATTERIES GENERATE HYDROGEN GAS
DURING NORMAL OPERATION. THIS PROCESS INCREASES DURING
A PERIOD OF RAPID DISCHARGE.
WARNING: HYDROGEN GAS AND BATTERY ACID (SULPHURIC ACID)
CAN BE EXPLOSIVE, CORROSIVE TO SKIN, EYES AND HAIR,
DAMAGING TO CLOTHING AND METALS, FLAMMABLE, POISONOUS
TO BREATHE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com