Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JSMSI1350 Datasheet(PDF) 9 Page - Clarke International

Part # JSMSI1350
Description  SODIUM ION JUMPSTARTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

JSMSI1350 Datasheet(HTML) 9 Page - Clarke International

Back Button JSMSI1350 Datasheet HTML 4Page - Clarke International JSMSI1350 Datasheet HTML 5Page - Clarke International JSMSI1350 Datasheet HTML 6Page - Clarke International JSMSI1350 Datasheet HTML 7Page - Clarke International JSMSI1350 Datasheet HTML 8Page - Clarke International JSMSI1350 Datasheet HTML 9Page - Clarke International JSMSI1350 Datasheet HTML 10Page - Clarke International JSMSI1350 Datasheet HTML 11Page - Clarke International JSMSI1350 Datasheet HTML 12Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
NOTE: If the battery fails to be
detected (due to low
voltage), then the cable
has an override switch
available, this is on the side
as shown. When this is
pressed the output of
15.6V becomes available
on the crocodile clamps even if a battery is not present.
THIS FUNCTION SHOULD BE USED WITH CAUTION.
STARTING THE ENGINE
1. Switch or press the vehicle ignition to ‘start’. If the engine does not start, SWITCH
OFF the ignition and wait for at least 30 seconds before trying again.
2. If the vehicle does not start after 3 attempts, investigate any problems with the
vehicle systems before re-trying.
3. Once the engine is running, disconnect the earthed (-) clamp FIRST i.e. that
connected to the chassis or Negative (-) terminal etc, then disconnect the Positive
(+) clamp from the battery terminal. You should remove the connections
within 30 seconds of starting the vehicle.
4. Leave the vehicle engine running for a while to let the alternator recharge the
battery.
• Take great care not to touch the red positive (+) clamp against the black
negative (-) clamp when connected to the jumpstarter.
5. Leave the jumpstarter for 30 minutes before re-charging following jumpstarting a
vehicle.
• If the battery is allowed to remain in a discharged state its life may be
reduced.
• The jumpstarter will power off automatically when no load is found.
WARNINGS AND ISSUES
1. When the clamps are connected to
the vehicle battery (the battery
voltage must be ≥ 8V), the
symbol lights up and displays the
current vehicle battery voltage.
2. When the clamps are only connected
to the jumpstarter:
• The current voltage is displayed
on the cable display and the upper small symbols cycle from left to right,
indicating the voltage of the jumpstarter is suitable for starting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com