Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JSMSI1350 Datasheet(PDF) 2 Page - Clarke International

Part # JSMSI1350
Description  SODIUM ION JUMPSTARTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

JSMSI1350 Datasheet(HTML) 2 Page - Clarke International

  JSMSI1350 Datasheet HTML 1Page - Clarke International JSMSI1350 Datasheet HTML 2Page - Clarke International JSMSI1350 Datasheet HTML 3Page - Clarke International JSMSI1350 Datasheet HTML 4Page - Clarke International JSMSI1350 Datasheet HTML 5Page - Clarke International JSMSI1350 Datasheet HTML 6Page - Clarke International JSMSI1350 Datasheet HTML 7Page - Clarke International JSMSI1350 Datasheet HTML 8Page - Clarke International JSMSI1350 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
INTRODUCTION
Thank you for purchasing this CLARKE Sodium Ion Jump-starter. Before attempting to
use this product, please read this manual thoroughly and follow the instructions
carefully. In doing so you will ensure the safety of yourself and that of others around
you and you can look forward to your purchase giving you long and satisfactory
service. Please keep these instructions in a safe place for future reference.
SPECIFICATIONS
Please note that the details and specifications contained herein, are correct at the
time of going to print. However, CLARKE International reserve the right to change
specifications at any time without prior notice.
Item
Specification
Weight
1.86kg (without bag), 2.17kg (with bag)
Size (L x W x H)
216mm x 186mm x 54mm (without bag)
Max Output Current
Starting 550A, Peak 1350A
Max. Output Voltage (open circuit)
16.5V
Max. Charge/Upper Limit Voltage
17V
Input Voltage/Current
5V/9V/12V/15V/20V / 3A
Battery Type
Sealed Sodium Ion, 27500 mAh (80Wh)
Output Power Supply
1 x QC3.0 USB-A, 1 x 5V/2.4A USB-A,
1 x PD60W USB-C, 1 x 15V/10A 5521 DC,
1 x 12V Jumpstarter Clamp Port
Estimated engine starting capacity
Up to 3 litres (diesel) or 6 litres (petrol)
Lifetime
4000+ cycles
Full charging time
Approx 1.5 hours
Operating Temperatures
Charge: -20°C ~ 60°C
Discharge: -40°C ~ 80°C
Storage: -20°C ~ 40°C
Transport Hazard Class
UN 3552 - Sodium Ion Battery Contained
Work Light
3 Mode 12 x LED (Light, Flash, SOS),
2.8-3.2V, 700mA
Ingress Protection
IP20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com