Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68AW127 Datasheet(PDF) 8 Page - STMicroelectronics

Part # M68AW127
Description  1Mbit 128K x8, 3.0V Asynchronous SRAM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68AW127 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M68AW127 Datasheet HTML 4Page - STMicroelectronics M68AW127 Datasheet HTML 5Page - STMicroelectronics M68AW127 Datasheet HTML 6Page - STMicroelectronics M68AW127 Datasheet HTML 7Page - STMicroelectronics M68AW127 Datasheet HTML 8Page - STMicroelectronics M68AW127 Datasheet HTML 9Page - STMicroelectronics M68AW127 Datasheet HTML 10Page - STMicroelectronics M68AW127 Datasheet HTML 11Page - STMicroelectronics M68AW127 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
M68AW127B
8/20
OPERATION
The M68AW127B has a Chip Enable power down
feature which invokes an automatic standby mode
whenever Chip Enable is de-asserted (E1 = High),
or Chip Select is asserted (E2 = Low). An Output
Enable (G) signal provides a high-speed, tri-state
control, allowing fast read/write cycles to be
achieved with the common I/O data bus. Opera-
tional modes are determined by device control in-
puts W and E1 as summarized in the Operating
Modes table (Table 6).
Table 6. Operating Modes
Note: X = VIH or VIL.
Read Mode
The M68AW127B is in the Read mode whenever
Write Enable (W) is High with Output Enable (G)
Low, Chip Enable (E1) is asserted and Chip Select
(E2) is de-asserted. This provides access to data
from eight of the 1,048,576 locations in the static
memory array, specified by the 17 address inputs.
Valid data will be available at the eight output pins
within tAVQV after the last stable address, provid-
ing G is Low and E1 is Low. If Chip Enable or Out-
put Enable access times are not met, data access
will be measured from the limiting parameter
(tELQV or tGLQV) rather than the address. Data out
may be indeterminate at tELQX and tGLQX, but data
lines will always be valid at tAVQV.
Figure 8. Address Controlled, Read Mode AC Waveforms
Note: E1 = Low, E2 = High, G = Low, W = High.
Operation
E1
E2
W
G
DQ0-DQ7
Power
Read
VIL
VIH
VIH
VIH
Hi-Z
Active (ICC)
Read
VIL
VIH
VIH
VIL
Data Output
Active (ICC)
Write
VIL
VIH
VIL
X
Data Input
Active (ICC)
Deselect
VIH
X
X
X
Hi-Z
Standby (ISB)
Deselect
X
VIL
X
X
Hi-Z
Standby (ISB)
AI05474
tAVAV
tAVQV
tAXQX
A0-A16
DQ0-DQ7
VALID
DATA VALID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com