Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68AW127 Datasheet(PDF) 4 Page - STMicroelectronics

Part # M68AW127
Description  1Mbit 128K x8, 3.0V Asynchronous SRAM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68AW127 Datasheet(HTML) 4 Page - STMicroelectronics

  M68AW127 Datasheet HTML 1Page - STMicroelectronics M68AW127 Datasheet HTML 2Page - STMicroelectronics M68AW127 Datasheet HTML 3Page - STMicroelectronics M68AW127 Datasheet HTML 4Page - STMicroelectronics M68AW127 Datasheet HTML 5Page - STMicroelectronics M68AW127 Datasheet HTML 6Page - STMicroelectronics M68AW127 Datasheet HTML 7Page - STMicroelectronics M68AW127 Datasheet HTML 8Page - STMicroelectronics M68AW127 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
M68AW127B
4/20
Figure 3. SO Connections
Figure 4. TSOP Connections
DQ5
DQ6
DQ7
DQ0
VSS
DQ3
DQ4
DQ1
DQ2
A12
A15
A14
A16
A6
NC
G
W
A8
A10
A11
A9
A13
A5
A7
A2
A0
A3
A4
A1
AI05931b
M68AW127B
8
1
9
16
17
24
25
32
VCC
E2
E1
A1
A0
DQ0
A7
A4
A3
A2
A6
A5
A13
A10
A8
A9
E2
A11
VSS
DQ5
DQ2
DQ3
DQ4
DQ6
A15
W
A16
A12
NC
VCC
A14
AI05973c
M68AW127B
8
1
9
16
17
24
25
32
G
E1
DQ1
DQ7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com