Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68AW127 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M68AW127
Description  1Mbit 128K x8, 3.0V Asynchronous SRAM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68AW127 Datasheet(HTML) 1 Page - STMicroelectronics

  M68AW127 Datasheet HTML 1Page - STMicroelectronics M68AW127 Datasheet HTML 2Page - STMicroelectronics M68AW127 Datasheet HTML 3Page - STMicroelectronics M68AW127 Datasheet HTML 4Page - STMicroelectronics M68AW127 Datasheet HTML 5Page - STMicroelectronics M68AW127 Datasheet HTML 6Page - STMicroelectronics M68AW127 Datasheet HTML 7Page - STMicroelectronics M68AW127 Datasheet HTML 8Page - STMicroelectronics M68AW127 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1/20
August 2003
M68AW127B
1Mbit (128K x8), 3.0V Asynchronous SRAM
FEATURES SUMMARY
s
SUPPLY VOLTAGE: 2.7 to 3.6V
s
128K x 8 bits SRAM with OUTPUT ENABLE
s
EQUAL CYCLE and ACCESS TIMES: 70ns
s
LOW STANDBY CURRENT
s
LOW VCC DATA RETENTION: 1.5V
s
TRI-STATE COMMON I/O
s
LOW ACTIVE and STANDBY POWER
Figure 1. Packages
SO32 (MC)
TSOP32
8 x 20 mm
(N)
TSOP32
8 x 13.4 mm
(NK)


Similar Part No. - M68AW127

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M68AW128M STMICROELECTRONICS-M68AW128M Datasheet
335Kb / 22P
2 Mbit (128K x16) 3.0V Asynchronous SRAM
24-Sep-2004
M68AW128ML STMICROELECTRONICS-M68AW128ML Datasheet
111Kb / 20P
2 Mbit (128K x16) 3.0V Asynchronous SRAM
17-May-2002
M68AW128ML55ND1 STMICROELECTRONICS-M68AW128ML55ND1 Datasheet
335Kb / 22P
2 Mbit (128K x16) 3.0V Asynchronous SRAM
24-Sep-2004
M68AW128ML55ND1 STMICROELECTRONICS-M68AW128ML55ND1 Datasheet
111Kb / 20P
2 Mbit (128K x16) 3.0V Asynchronous SRAM
17-May-2002
M68AW128ML55ND1E STMICROELECTRONICS-M68AW128ML55ND1E Datasheet
335Kb / 22P
2 Mbit (128K x16) 3.0V Asynchronous SRAM
24-Sep-2004
More results

Similar Description - M68AW127

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M68AF127B STMICROELECTRONICS-M68AF127B Datasheet
373Kb / 23P
1Mbit 128K x8, 5V Asynchronous SRAM
24-Sep-2004
M68AW064F STMICROELECTRONICS-M68AW064F Datasheet
265Kb / 18P
1 Mbit 64K x16 3.0V Asynchronous SRAM
23-Apr-2003
M68AW128M STMICROELECTRONICS-M68AW128M Datasheet
335Kb / 22P
2 Mbit (128K x16) 3.0V Asynchronous SRAM
24-Sep-2004
M68AW128ML STMICROELECTRONICS-M68AW128ML Datasheet
111Kb / 20P
2 Mbit (128K x16) 3.0V Asynchronous SRAM
17-May-2002
logo
Hynix Semiconductor
HY62U8100B HYNIX-HY62U8100B Datasheet
205Kb / 12P
128K x8 bit 3.0V Low Power CMOS slow SRAM
logo
GSI Technology
GS71108TP GSI-GS71108TP Datasheet
271Kb / 14P
128K x 8 1Mb Asynchronous SRAM
GS71208TP GSI-GS71208TP Datasheet
382Kb / 11P
128K x 8 1Mb Asynchronous SRAM
logo
STMicroelectronics
M68AW511A STMICROELECTRONICS-M68AW511A Datasheet
134Kb / 21P
4 Mbit (512K x8) 3.0V Asynchronous SRAM
24-Sep-2004
logo
List of Unclassifed Man...
GS71108ATP ETC2-GS71108ATP_06 Datasheet
641Kb / 16P
128K x 8 1Mb Asynchronous SRAM
logo
STMicroelectronics
M68AW031A STMICROELECTRONICS-M68AW031A Datasheet
110Kb / 19P
256 Kbit (32K x8) 3.0V Asynchronous SRAM
09-Oct-2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com