Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68AW127 Datasheet(PDF) 11 Page - STMicroelectronics

Part # M68AW127
Description  1Mbit 128K x8, 3.0V Asynchronous SRAM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68AW127 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M68AW127 Datasheet HTML 7Page - STMicroelectronics M68AW127 Datasheet HTML 8Page - STMicroelectronics M68AW127 Datasheet HTML 9Page - STMicroelectronics M68AW127 Datasheet HTML 10Page - STMicroelectronics M68AW127 Datasheet HTML 11Page - STMicroelectronics M68AW127 Datasheet HTML 12Page - STMicroelectronics M68AW127 Datasheet HTML 13Page - STMicroelectronics M68AW127 Datasheet HTML 14Page - STMicroelectronics M68AW127 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11/20
M68AW127B
Write Mode
The M68AW127B is in the Write mode whenever
the W and E1 pins are Low and the E2 pin is High.
Either the Chip Enable input (E1) or the Write En-
able input (W) must be de-asserted during Ad-
dress transitions for subsequent write cycles.
Write begins with the concurrence of E1 being ac-
tive with W low. Therefore, address setup time is
referenced to Write Enable and Chip Enable as
tAVWL and tAVEH, respectively, and is determined
by the latter occurring edge.
The Write cycle can be terminated by the earlier
rising edge of E1, or W.
If the Output is enabled (E1 = Low, E2 = High and
G = Low), then W will return the outputs to high im-
pedance within tWLQZ of its falling edge. Care must
be taken to avoid bus contention in this type of op-
eration. Data input must be valid for tDVWH before
the rising edge of Write Enable, or for tDVEH before
the rising edge of E1, whichever occurs first, and
remain valid for tWHDX or tEHDX.
Figure 11. Write Enable Controlled, Write AC Waveforms
AI05478
tAVAV
tWHAX
tDVWH
DATA INPUT
A0-A16
E1
W
DQ0-DQ7
VALID
tAVWH
tAVEL
tWLWH
tAVWL
tWLQZ
tWHDX
tWHQX
E2
tELWH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com