Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68AW127 Datasheet(PDF) 3 Page - STMicroelectronics

Part # M68AW127
Description  1Mbit 128K x8, 3.0V Asynchronous SRAM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68AW127 Datasheet(HTML) 3 Page - STMicroelectronics

  M68AW127 Datasheet HTML 1Page - STMicroelectronics M68AW127 Datasheet HTML 2Page - STMicroelectronics M68AW127 Datasheet HTML 3Page - STMicroelectronics M68AW127 Datasheet HTML 4Page - STMicroelectronics M68AW127 Datasheet HTML 5Page - STMicroelectronics M68AW127 Datasheet HTML 6Page - STMicroelectronics M68AW127 Datasheet HTML 7Page - STMicroelectronics M68AW127 Datasheet HTML 8Page - STMicroelectronics M68AW127 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3/20
M68AW127B
SUMMARY DESCRIPTION
The M68AW127B is a 1Mbit (1,048,576 bit) CMOS
SRAM, organized as 131,072 words by 8 bits. The
device features fully static operation requiring no
external clocks or timing strobes, with equal ad-
dress access and cycle times. It requires a single
2.7 to 3.6V supply.
This device has an automatic power-down feature,
reducing the power consumption by over 99%
when deselected.
The M68AW127B is available in SO32, TSOP32
8x20mm and TSOP32 8x13.4mm packages.
Figure 2. Logic Diagram
Table 1. Signal Names
AI05972b
17
A0-A16
W
DQ0-DQ7
VCC
M68AW127B
G
VSS
8
E1
E2
A0-A16
Address Inputs
DQ0-DQ7
Data Input/Output
E1
Chip Enable
E2
Chip Enable
G
Output Enable
W
Write Enable
VCC
Supply Voltage
VSS
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com