Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68AW127 Datasheet(PDF) 10 Page - STMicroelectronics

Part # M68AW127
Description  1Mbit 128K x8, 3.0V Asynchronous SRAM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68AW127 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M68AW127 Datasheet HTML 6Page - STMicroelectronics M68AW127 Datasheet HTML 7Page - STMicroelectronics M68AW127 Datasheet HTML 8Page - STMicroelectronics M68AW127 Datasheet HTML 9Page - STMicroelectronics M68AW127 Datasheet HTML 10Page - STMicroelectronics M68AW127 Datasheet HTML 11Page - STMicroelectronics M68AW127 Datasheet HTML 12Page - STMicroelectronics M68AW127 Datasheet HTML 13Page - STMicroelectronics M68AW127 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
M68AW127B
10/20
Table 7. Read and Standby Mode AC Characteristics
Note: 1. Test conditions assume transition timing reference level = 0.3VCC or 0.7VCC.
2. At any given temperature and voltage condition, tGHQZ is less than tGLQX and tEHQZ is less than tELQX for any given device.
3. These parameters are defined as the time at which the outputs achieve the open circuit conditions and are not referenced to output
voltage levels.
4. Tested initially and after any design or process changes that may affect these parameters.
Symbol
Parameter
M68AW127B
Unit
70
100
tAVAV
Read Cycle Time
Min
70
100
ns
tAVQV
Address Valid to Output Valid
Max
70
100
ns
tAXQX
(1)
Data hold from address change
Min
5
15
ns
tEHQZ
(2,3)
Chip Enable High to Output Hi-Z
Max
25
30
ns
tELQV
Chip Enable Low to Output Valid
Max
70
100
ns
tELQX
(1)
Chip Enable Low to Output Transition
Min
5
10
ns
tGHQZ
(2,3)
Output Enable High to Output Hi-Z
Max
25
30
ns
tGLQV
Output Enable Low to Output Valid
Max
35
50
ns
tGLQX
(2)
Output Enable Low to Output Transition
Min
5
5
ns
tPD
(4)
Chip Enable or UB/LB High to Power Down
Max
0
0
ns
tPU
(4)
Chip Enable or UB/LB Low to Power Up
Min
70
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com