Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7541WTR Datasheet(PDF) 52 Page - STMicroelectronics

Part # TDA7541WTR
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7541WTR Datasheet(HTML) 52 Page - STMicroelectronics

Back Button TDA7541WTR Datasheet HTML 48Page - STMicroelectronics TDA7541WTR Datasheet HTML 49Page - STMicroelectronics TDA7541WTR Datasheet HTML 50Page - STMicroelectronics TDA7541WTR Datasheet HTML 51Page - STMicroelectronics TDA7541WTR Datasheet HTML 52Page - STMicroelectronics TDA7541WTR Datasheet HTML 53Page - STMicroelectronics TDA7541WTR Datasheet HTML 54Page - STMicroelectronics TDA7541WTR Datasheet HTML 55Page - STMicroelectronics TDA7541WTR Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 76 page
background image
Software specification
TDA7541
52/76
Table 23.
Addr 7 Quality AC (FM 50h)
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
ISSBW
0
ISS filter fixed band width 120kHz
1
ISS filter fixed band width 80kHz
BWDEF
0
Disable bit ISSBW for ISS filter band width control
1
Enable bit ISSBW for ISS filter band width control
ACF
0
AC highpass frequency 100kHz
1
AC bandpass frequency 100kHz
ACTH<4:3>
0
0
AC detector threshold 0,35V
0
1
AC detector threshold 0,45V
1
0
AC detector threshold 0,55V
1
1
AC detector threshold 0,65V
TISS<7:5>
0
0
0
discharge current 1µA, charge current mid 74µA, narrow 124µA
0
0
1
discharge current 3µA, charge current mid 72µA, narrow 122µA
0
1
0
discharge current 5µA, charge current mid 70µA, narrow 120µA
0
1
1
discharge current 7µA, charge current mid 68µA, narrow 118µA
--
-
-
1
1
1
discharge current 15µA,charge current mid 60µA, narrow 110µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com