Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7541WTR Datasheet(PDF) 21 Page - STMicroelectronics

Part # TDA7541WTR
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7541WTR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TDA7541WTR Datasheet HTML 17Page - STMicroelectronics TDA7541WTR Datasheet HTML 18Page - STMicroelectronics TDA7541WTR Datasheet HTML 19Page - STMicroelectronics TDA7541WTR Datasheet HTML 20Page - STMicroelectronics TDA7541WTR Datasheet HTML 21Page - STMicroelectronics TDA7541WTR Datasheet HTML 22Page - STMicroelectronics TDA7541WTR Datasheet HTML 23Page - STMicroelectronics TDA7541WTR Datasheet HTML 24Page - STMicroelectronics TDA7541WTR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 76 page
background image
TDA7541
Electrical specifications and characteristics
21/76
31. Stereo blend and high cut control
31.1
LGmin
Min. level gain
LG
-0.3
0
0.3
dB
31.2
LGmax
Max. level gain
LG
7.75
8.25
8.75
dB
31.3
LGstep
Level gain step Resolution
0.25
0.55
0.85
dB
31.4
VSBLmin Min. voltage for mono
SBC
24
29
34
%VREF1
31.5
VSBLmax Max. voltage for mono
SBC
53
58
63
%VREF1
31.6
VSBLstep Step resolution
SBC
3.5
4.2
5
%VREF1
31.7
VHCHmin Min. voltage for no highcut HCHT
37
42
47
%VREF1
31.8
VHCHmax Max.voltage for no highcut HCHT
61
66
71
%VREF1
31.9
VHCHstep Step resolution
HCHT
7
8
9
%VREF1
31.10
VHCLmin
Min. voltage for full high
cut
HCLT
6
11
16
%VHCH
31.11 VHCLmax
Max. voltage for full high
cut
HCLT
28
33
38
%VHCH
31.12 VHCLstep Step resolution
HCLT
6.5
7.3
8.1
%VHCH
32. Carrier and harmonic suppression at the output
32.1
a19
Pilot signal f=19kHz
45
50
dB
32.2
a38
Subcarrier f=38kHz
75
dB
32.3
a57
Subcarrier f=57kHz
62
dB
32.4
a76
Subcarrier f=76kHz
90
dB
33. Intermodulation (1)
33.1
a2
fmod=10kHz, fspur=1kHz
65
dB
33.2
a3
fmod=13kHz, fspur=1kHz
75
dB
34. Traffic radio (2)
34.1
a57
Signal f=57kHz
65
70
dB
35. SCA (3)
35.1
a67
Signal f=67kHz
75
dB
36. ACI – adjacent channel interference (4)
36.1
a114
Signal f=114kHz
95
dB
36.2
a190
Signal f=190kHz
84
dB
37. FM noise blanker
37.1
VTRMIN
Min. trigger threshold (5)
VPEAK=0.8V, NBLT “111”
147
mVOP
Table 8.
Stereo decoder section (continued)
(Tamb=25°C, VCC1=VCC2=VCCMIX1=VCCVCO=VCCIF=8.5V, fXtal = 10.25 MHz,
VMPX=500mVrms mono, f=1kHz, deemphasis τ=50µs, in application circuit, unless otherwise
specified)
Item
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com