Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7541WTR Datasheet(PDF) 59 Page - STMicroelectronics

Part # TDA7541WTR
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7541WTR Datasheet(HTML) 59 Page - STMicroelectronics

Back Button TDA7541WTR Datasheet HTML 55Page - STMicroelectronics TDA7541WTR Datasheet HTML 56Page - STMicroelectronics TDA7541WTR Datasheet HTML 57Page - STMicroelectronics TDA7541WTR Datasheet HTML 58Page - STMicroelectronics TDA7541WTR Datasheet HTML 59Page - STMicroelectronics TDA7541WTR Datasheet HTML 60Page - STMicroelectronics TDA7541WTR Datasheet HTML 61Page - STMicroelectronics TDA7541WTR Datasheet HTML 62Page - STMicroelectronics TDA7541WTR Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 76 page
background image
TDA7541
Software specification
59/76
Table 32.
Addr 16 FM keying AGC (FM 1Dh)
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
ODENA
0
Over deviation correction disable
1
Over deviation correction enable
ODCUR
0
over deviation correction current max=45µA
1
over deviation correction current max=90µA
KAGC<4:2>
0
0
0
KAGC threshold 3,60* V48 /5
0
0
1
KAGC threshold 3,65* V48 /5
0
1
0
KAGC threshold 3,70* V48 /5
0
1
1
KAGC threshold 3,75* V48 /5
1
0
0
KAGC threshold 3,80* V48 /5
1
0
1
KAGC threshold 3,85* V48 /5
1
1
0
KAGC threshold 3,90* V48 /5
1
1
1
Keying AGC “OFF”
RFK
0
RF keying AGC OFF
1
RF keying AGC ON
FSWO<7:6>
0
0
FSW offset OFF
0
1
FSW offset = -75mV
1
0
FSW offset = -150mV
1
1
FSW offset = -192mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com