Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7541WTR Datasheet(PDF) 14 Page - STMicroelectronics

Part # TDA7541WTR
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7541WTR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TDA7541WTR Datasheet HTML 10Page - STMicroelectronics TDA7541WTR Datasheet HTML 11Page - STMicroelectronics TDA7541WTR Datasheet HTML 12Page - STMicroelectronics TDA7541WTR Datasheet HTML 13Page - STMicroelectronics TDA7541WTR Datasheet HTML 14Page - STMicroelectronics TDA7541WTR Datasheet HTML 15Page - STMicroelectronics TDA7541WTR Datasheet HTML 16Page - STMicroelectronics TDA7541WTR Datasheet HTML 17Page - STMicroelectronics TDA7541WTR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 76 page
background image
Electrical specifications and characteristics
TDA7541
14/76
12.5
(S+N)/N
Signal plus noise-to-noise
ratio
In weatherband mode
Δf=1.5KHz, f
mod =1KHz, V56
=100dBµ,
Deemphasis=75µs, setting see
Table 10
40
dB
13. Quality detection
Unweighted field strength (FSU) and weighted field strength
13.1
V37
DC output voltage
V56 = 20 dBμV, FMON=1,
FSWO = OFF
2.5
V
13.2
V37
DC output voltage
V56 = 50 dBμV, FMON=1,
FSWO = OFF
3V
13.3
V37
DC output voltage
V56 = 70 dBμV, FMON=1,
FSWO = OFF
3.5
V
13.4
V37
DC output voltage
V56 > 120 dBμV, FMON=1,
FSWO = OFF
4.6
V
13.5
ΔV37
Slope
25
mV/dB
13.6
ΔV37
DC offset
-200
0
mV
13.7
ROUT
Output impedance
FSWO
17
23.5
30
k
Ω
13.8
V27
DC output voltage
V56 = 20 dBμV, FMON=1,
SL=”101”
0.1
0.4
V
13.9
V27
DC output voltage
V56 = 50 dBμV, FMON=1,
SL=”101”
1V
13.10
V27
DC output voltage
V56 = 70 dBμV, FMON=1,
SL=”101”
2V
13.11
V27
DC output voltage
V56 > 120 dBμV, FMON=1,
SL=”101”
4V
13.12
ΔV
27
Slope
50
mV/dB
13.13
ROUT
Output impedance
FSU
320
400
480
Ω
13.14
Rload
Load resistor
FSU
20
k
Ω
13.15
V27
DC output voltage AM
V47 = 20 dBμV, FMON = 0,
SL= ”010”
0.1
0.3
V
13.16
V27
DC output voltage AM
V47 = 40 dBμV, FMON = 0,
SL= ”010”
1.25
V
13.17
V27
DC output voltage AM
V47 = 60 dBμV, FMON = 0,
SL= ”010”
3.0
V
13.18
V27
DC output voltage AM
V47 > 100 dBμV, FMON = 0,
SL= ”010”
4.5
V
13.19
ΔV
27
Slope AM
FMON=0
90
mV/dB
Table 6.
FM section (continued)
(Tamb = 25°C, VCC1 = VCC2 = VCCMIX1 = VCCVCO = VCCIF = 8.5V, fXtal = 10.25 MHz,
fRF = 98MHz, dev = 40 kHz, fMod = 1 kHz, in application circuit, unless otherwise specified)
Item
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com