Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7541WTR Datasheet(PDF) 47 Page - STMicroelectronics

Part # TDA7541WTR
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7541WTR Datasheet(HTML) 47 Page - STMicroelectronics

Back Button TDA7541WTR Datasheet HTML 43Page - STMicroelectronics TDA7541WTR Datasheet HTML 44Page - STMicroelectronics TDA7541WTR Datasheet HTML 45Page - STMicroelectronics TDA7541WTR Datasheet HTML 46Page - STMicroelectronics TDA7541WTR Datasheet HTML 47Page - STMicroelectronics TDA7541WTR Datasheet HTML 48Page - STMicroelectronics TDA7541WTR Datasheet HTML 49Page - STMicroelectronics TDA7541WTR Datasheet HTML 50Page - STMicroelectronics TDA7541WTR Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 76 page
background image
TDA7541
Software specification
47/76
5.3
Data byte specification
Table 15.
Subaddress description
MSB
LSB
Function
I
A4A3
A2A1
A0
0000
0
Charge pump control
----
-
-
1011
1
Audio noise blanker II
----
-
-
0
Page mode “OFF”
1
Page mode enable
Table 16.
Addr 0 TPLL charge pump control (0Bh)
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
ICP<2:0>
0
0
0
Charge pump current = 50µA
0
0
1
Charge pump current = 0.5mA
0
1
0
Charge pump current = 1mA
0
1
1
Charge pump current = 1.5mA
--
-
-
1
1
0
Charge pump current = 3mA
1
1
1
Charge pump current = 3.5mA
LDENA
0
Lock detector disable
1
Lock detector enable
SDM
0
Stereo decoder mute disable
1
Stereo decoder mute enable
LM
0
Local mode disable
1
Local mode enable
ASFC
0
Weak signal mute and AGC normal mode in FM
1
Weak signal mute and AGC on hold in FM mode
SEEK
0
ISS time constant at pin30 available, AM SEEK “OFF”
1
ISS time constant at pin31 available, AM SEEK “ON”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com