Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7541WTR Datasheet(PDF) 29 Page - STMicroelectronics

Part # TDA7541WTR
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7541WTR Datasheet(HTML) 29 Page - STMicroelectronics

Back Button TDA7541WTR Datasheet HTML 25Page - STMicroelectronics TDA7541WTR Datasheet HTML 26Page - STMicroelectronics TDA7541WTR Datasheet HTML 27Page - STMicroelectronics TDA7541WTR Datasheet HTML 28Page - STMicroelectronics TDA7541WTR Datasheet HTML 29Page - STMicroelectronics TDA7541WTR Datasheet HTML 30Page - STMicroelectronics TDA7541WTR Datasheet HTML 31Page - STMicroelectronics TDA7541WTR Datasheet HTML 32Page - STMicroelectronics TDA7541WTR Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 76 page
background image
TDA7541
Functional description
29/76
Description of I2C bits:
ISSENA
ISS filter enable
“1”: ISS filter control enabled
“0”: ISS filter is switched off (bypass of the filter, wide)
ISSON
ISS filter control mode
“1”: ISS filter is in manual control mode (switched "ON"); the bits ISSBW and WBON are
defining the bandwidth
“0”: ISS filter is in automatic control mode according to mode1/2 table
ISSBW
ISS filter band width
“1”: 80 kHz
Table 10.
ISS filter control by I2C bus
I2C control bits
Notes
0
XXXXX
ISS filter is switched off (bypass)
1
1
0
X
X
X
ISS filter is in manual control mode, Band width is 120 kHz
1
1
1
X
X
X
ISS filter is in manual control mode, Band width is 80 kHz
11
X
1
X
X
ISS filter is in manual control mode, Band width is 24 kHz
This setting must be used for weather band application
10
X
X
0
0
ISS filter is in automatic control mode
Filter activation and band width defined by control table mode1
10
X
X
1
0
ISS filter is in automatic control mode
Filter activation and band width defined by control table mode2
100
X
0
1
ISS filter is in automatic control mode
Filter activation defined by control table mode1
band width fixed to 120 kHz
100
X
1
1
ISS filter is in automatic control mode
Filter activation defined by control table mode2
band width fixed to 120 kHz
101
X
0
1
ISS filter is in automatic control mode
Filter activation defined by control table mode1
band width fixed to 80 kHz
101
X
1
1
ISS filter is in automatic control mode
Filter activation defined by control table mode2
band width fixed to 80 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com