Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CON950 Datasheet(PDF) 5 Page - Clarke International

Part # CON950
Description  110 MM ELECTRIC PLANER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CON950 Datasheet(HTML) 5 Page - Clarke International

  CON950 Datasheet HTML 1Page - Clarke International CON950 Datasheet HTML 2Page - Clarke International CON950 Datasheet HTML 3Page - Clarke International CON950 Datasheet HTML 4Page - Clarke International CON950 Datasheet HTML 5Page - Clarke International CON950 Datasheet HTML 6Page - Clarke International CON950 Datasheet HTML 7Page - Clarke International CON950 Datasheet HTML 8Page - Clarke International CON950 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
operation. If damaged, have the power tool repaired before use. Many
accidents are caused by poorly maintained power tools.
6. Keep cutting tools sharp and clean. Sharp cutting edges are less likely to
bind and are easier to control.
7. Use the power tool, accessories and tool bits etc. in accordance with these
instructions, taking into account the working conditions and the work to be
performed. Use of the power tool for operations different from those
intended could result in a hazardous situation.
SERVICE
1. Have your power tool serviced by a qualified repair person using only
identical replacement parts. This will ensure that the safety of the power
tool is maintained.
PLANER SAFETY WARNINGS
1. Wait for the blade to stop before setting the planer down. An exposed
rotating blade can strike the worktop, leading to possible loss of control
and injury.
2. Hold the planer by insulated gripping surfaces, because the blade may
contact its own cable. Cutting a “live” wire may make exposed metal parts
of the planer “live” and could give the operator an electric shock.
3. Use clamps or another practical way to secure and support the workpiece
to a stable platform. Holding the workpiece by your hand or against the
body leaves it unstable and can lead to loss of control.
4. Always start the planer before the blade is in contact with the workpiece
and let the blade reach full speed. The tool can vibrate or chatter if blade
speed is too slow at beginning of the cut and possibly kickback.
5. Check the workpiece for nails or screws. If there are nails/screws, either
remove or set them well below intended finished surface. Kickback,
damage to the blades and personal injury can result If the planer blades
strike objects like nails.
6. Unplug the planer before changing accessories. Before plugging the
planer in, check that the trigger lock is “OFF”. Accidental start-ups can
occur if the planer is plugged in while changing an accessory.
7. After changing blades, rotate the blade drum to make sure the blades are
not hitting any part of the housing and that the blade locking screws are
tight. Spinning blades could strike the tool housing and damage the tool as
well as causing possible injury.
8. Always hold the planer firmly with both hands for maximum control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com