Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CON950 Datasheet(PDF) 18 Page - Clarke International

Part # CON950
Description  110 MM ELECTRIC PLANER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CON950 Datasheet(HTML) 18 Page - Clarke International

Back Button CON950 Datasheet HTML 12Page - Clarke International CON950 Datasheet HTML 13Page - Clarke International CON950 Datasheet HTML 14Page - Clarke International CON950 Datasheet HTML 15Page - Clarke International CON950 Datasheet HTML 16Page - Clarke International CON950 Datasheet HTML 17Page - Clarke International CON950 Datasheet HTML 18Page - Clarke International CON950 Datasheet HTML 19Page - Clarke International CON950 Datasheet HTML 20Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
2. Replace with an identical
replacement belt and replace
the drive belt cover.
BEARINGS
Bearings that become noisy (due to heavy load or abrasive material
damage) must be replaced by a qualified technician as soon as possible to
avoid overheating or motor failure.
SPECIFICATIONS
Model
CON950
Voltage
230V~ @ 50Hz
Rated Input Power
950W
Maximum Depth of Cut
3 mm
Planingwidth (Widthof Cut)
110 mm
Rabbeting Depth
8 mm
Dust Extraction Diameter
Inner - 42 mm / Outer - 47 mm
Duty Cycle
S1 (continuous)
Weight
3 kg
Dimensions
320 x 200 x 190 mm
Sound Pressure
94 dB LpA
Guaranteed Sound Power
105 dB LWA
Vibration Main handle)
Main handle - 4.7 m/s2
Front handle - 11.6 m/s2
Uncertainty Factor (K)
1.5 m/s2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com