Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CON950 Datasheet(PDF) 10 Page - Clarke International

Part # CON950
Description  110 MM ELECTRIC PLANER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CON950 Datasheet(HTML) 10 Page - Clarke International

Back Button CON950 Datasheet HTML 6Page - Clarke International CON950 Datasheet HTML 7Page - Clarke International CON950 Datasheet HTML 8Page - Clarke International CON950 Datasheet HTML 9Page - Clarke International CON950 Datasheet HTML 10Page - Clarke International CON950 Datasheet HTML 11Page - Clarke International CON950 Datasheet HTML 12Page - Clarke International CON950 Datasheet HTML 13Page - Clarke International CON950 Datasheet HTML 14Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
SWITCHING ON/OFF
The planer has a trigger lock to
prevent accidental start-ups.
1. To turn the planer on, push the
trigger lock and then squeeze the
trigger switch.
2. To switch off, release the trigger
switch.
ADJUSTING THE DEPTH OF CUT
1. Rotate the depth adjustment
knob until the indicator arrow
aligns with the desired cutting
depth on the depth gauge.
• The minimum cutting increment
is 0.2 mm.
• The maximum cutting depth of
the planer is 3 mm.
NOTE: For optimal performance, set the cutting depth to 0.4 mm and
make multiple cuts until you reach the depth required.
GRAIN DIRECTION
Always cut in the same direction as
the grain of the wood.
There are six sides to every board:
two face grains, two side/edge
grains, and two end grains.
When planing the face and side/
edge grain, always plane in the
direction of the grain.
CAUTION: ALWAYS SET THE NUMBER ON THE DEPTH GAUGE TO “0” WHEN
THE PLANER IS NOT IN USE. REMEMBER EVEN AT “0”, A SLIGHTLY
PROTRUSIVE BLADE COULD STILL MAKE CONTACT. ENGAGE THE SAFETY
KICKSTAND TO PREVENT THE BLADE FROM TOUCHING THE WORKBENCH.
WARNING: DO NOT PLANE ACROSS THE GRAIN OF THE WOOD. DO NOT
PLANE END GRAIN AS THE WOOD WILL SPLINTER.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com