Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CON950 Datasheet(PDF) 14 Page - Clarke International

Part # CON950
Description  110 MM ELECTRIC PLANER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CON950 Datasheet(HTML) 14 Page - Clarke International

Back Button CON950 Datasheet HTML 10Page - Clarke International CON950 Datasheet HTML 11Page - Clarke International CON950 Datasheet HTML 12Page - Clarke International CON950 Datasheet HTML 13Page - Clarke International CON950 Datasheet HTML 14Page - Clarke International CON950 Datasheet HTML 15Page - Clarke International CON950 Datasheet HTML 16Page - Clarke International CON950 Datasheet HTML 17Page - Clarke International CON950 Datasheet HTML 18Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
REMOVING OR INSTALLING PLANER BLADES
The condition of the blades will affect the precision of the cuts. Dull blades will
tear wood fibers and produce fuzzy surfaces.
NOTE: Blades on this planer are reversible and must always be reversed
or replaced as a matched set. Unbalanced blades can cause
vibration and poor planing action while shortening the life of the
blade and the tool. Keeping a spare set of blades on hand is
recommended.
1. Disconnect the planer from the
power source.
2. Turn the planer upside down and
rotate the blade drum to expose
the clamping screws.
3. Loosen the three clamping screws
using the onboard blade wrench
stored in the planer body.
WARNING: PLANER BLADES ARE SHARP AND FRAGILE. WEAR PROTECTIVE
GLOVES TO PROTECT YOUR HANDS. HANDLE THE BLADES CAREFULLY TO
AVOID PERSONAL INJURY OR DAMAGE TO THE BLADES.
WARNING: DO NOT ATTEMPT TO SHARPEN OR USE RESHARPENED BLADES.
WARNING: MAKE SURE THAT THE TOOL IS UNPLUGGED FROM THE POWER
SUPPLY BEFORE MAKING ADJUSTMENTS OR INSTALLING OR REMOVING
BLADES.
CAUTION: THE BLADE DRUM CAN ROTATE AS YOU’RE DOING THIS SO BE
CAREFUL NOT TO CONTACT THE BLADE WITH YOUR HAND. IF THE SCREW
IS DIFFICULT TO LOOSEN, TRY TIGHTENING IT A LITTLE AND THEN LOOSEN
IT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com