Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CON950 Datasheet(PDF) 13 Page - Clarke International

Part # CON950
Description  110 MM ELECTRIC PLANER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CON950 Datasheet(HTML) 13 Page - Clarke International

Back Button CON950 Datasheet HTML 9Page - Clarke International CON950 Datasheet HTML 10Page - Clarke International CON950 Datasheet HTML 11Page - Clarke International CON950 Datasheet HTML 12Page - Clarke International CON950 Datasheet HTML 13Page - Clarke International CON950 Datasheet HTML 14Page - Clarke International CON950 Datasheet HTML 15Page - Clarke International CON950 Datasheet HTML 16Page - Clarke International CON950 Datasheet HTML 17Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
USING THE PARALLEL GUIDE FENCE
The parallel guide fence ensures that the planer travels parallel to the edge of
the wood, providing a straight cut at your desired cutting width. This feature is
helpful for planing door edges, wood trim and boards. To attach the parallel
guide fence:
1. Disconnect the planer from the power source.
2. Attach the parallel guide fence to
the left-hand side of the planer
using the lock knob.
3. Loosen the wing nut on the
parallel guide fence and slide the
fence to set the desired cutting
width indicated by the width
gauge. Retighten the wing nut.
NOTE: To ensure a square cut,
measure the front and back
of the fence and use a
square to make sure the
guide is set straight.
4. Rest the front shoe flat on the
workpiece surface and position
the fence firmly against the edge
of the workpiece Follow
instructions on page 11 to perform
your cut.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com