Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CON950 Datasheet(PDF) 12 Page - Clarke International

Part # CON950
Description  110 MM ELECTRIC PLANER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CON950 Datasheet(HTML) 12 Page - Clarke International

Back Button CON950 Datasheet HTML 8Page - Clarke International CON950 Datasheet HTML 9Page - Clarke International CON950 Datasheet HTML 10Page - Clarke International CON950 Datasheet HTML 11Page - Clarke International CON950 Datasheet HTML 12Page - Clarke International CON950 Datasheet HTML 13Page - Clarke International CON950 Datasheet HTML 14Page - Clarke International CON950 Datasheet HTML 15Page - Clarke International CON950 Datasheet HTML 16Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
MAKING A CHAMFER
The V-groove in the front shoe allows
you to create a sloping edge along
the corner of your workpiece.
1. Make sure that the workpiece is
secured to a stable platform.
2. Align the V-groove in the front
shoe of the planer with the corner
edge of the workpiece.
• Be sure the blades are not
touching the workpiece.
• Place some weight on the
depth adjustment knob so that
the V-groove is absolutely flat
on the edge to be beveled.
3. Switch the tool ON and wait for
the blades to reach full speed.
4. Push the planer forward along the grain of the wood with steady pressure
on the front shoe.
• Push the planer beyond the edge of the workpiece without tilting it
downwards.
5. Turn off the planer and wait for the blade to stop before setting the tool
down.
MAKING A RABBETING CUT
The planer can create rabbet cuts up
to 8 mm, limited by the protruding
housing on the right-hand side of the
tool.
1. Make sure that the workpiece is
secured to a stable platform.
2. Follow instructions on page 11 to
perform your cut.
3. Make multiple progressive cuts to achieve the desired total cutting depth.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com