Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO32276 Datasheet(PDF) 10 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO32276
Description  DPDT (0.8 Ω) HiFi Audio Switch with Negative Swing
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO32276 Datasheet(HTML) 10 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO32276 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO32276 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO32276 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO32276 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO32276 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO32276 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO32276 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO32276 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO32276 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
DIO32276
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD
DIO32276• Rev. 2.0
Physical Dimensions: DQFN1.8*1.8-12
Common Dimensions
(Units of measure = Millimeter)
Symbol
Min
Nom
Max
A
0.50
0.55
0.60
A1
0
-
0.05
A3
0.15 REF
D
1.75
1.80
1.85
E
1.75
1.80
1.85
L
0.35
0.40
0.45
b
0.15
0.20
0.25
e
0.40 BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com