Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO32276 Datasheet(PDF) 4 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO32276
Description  DPDT (0.8 Ω) HiFi Audio Switch with Negative Swing
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO32276 Datasheet(HTML) 4 Page - DIOO MICROCIRCUITS CO., LTD

  DIO32276 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO32276 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO32276 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO32276 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO32276 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO32276 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO32276 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO32276 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO32276 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
DIO32276
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD
DIO32276• Rev. 2.0
DC Electrical Characteristics
VCC = 1.65 to 5.5 V, VCC (Typ.) = 3.3 V, TA= 25°C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIH
Control pin input high
voltage (SEL, MUTE)
VCC = 3.3 V,
C_EXT = Float
1.5
V
VIL
Control pin input low
voltage (SEL, MUTE)
VCC = 3.3 V,
C_EXT = Float
0.5
V
ION
Switch-to-GND on
leakage current
L1, R1, L2, R2 = -3 V to 3 V,
LSPKR, RSPKR = Float (ISW = 0 mA),
MUTE =Low, SEL = 0 or VCC,
C_EXT = Float
-2
2
μA
INO_MUTE
Switch-to-GND OFF
leakage current
(when muted)
L1, R1, L2, R2 = -3 V to 3 V,
LSPKR, RSPKR = Float (ISW = 0 mA),
MUTE = High, SEL = 0 or VCC,
C_EXT = Float
2
μA
IOFF
Input leakage current
(1)
L1, R1, L2, R2 = -3 V to 3 V,
LSPKR, RSPKR= Float (ISW = 0 mA),
MUTE = Low, SEL = 0 or VCC,
C_EXT = Float
-2
2
μA
IIN
Control input leakage
current
(2)
(SEL, MUTE)
L1, R1, L2, R2 = -3 V to 3 V,
LSPKR, RSPKR = Float (ISW = 0 mA),
C_EXT = Float
2
μA
ICC
VCC supply current
MUTE = Low, SEL = 0 or VCC,
C_EXT = Float
20
30
μA
ICCZ
VCC Hi-Z supply current
MUTE = High, SEL = 0 or VCC,
C_EXT = Float
1
μA
ICCT
Increase in ICC per control
voltage
MUTE = Low, SEL = 0 or 1.8 V,
SEL = Low, MUTE = 0 or 1.8 V,
C_EXT = Float
2
μA
RON
Switch on resistance
ISW = 100 mA, VSW = -3 V to 3 V,
C_EXT = Float
0.8
1
Ω
ΔRON
On resistance matching,
channel to channel
ISW = 100 mA, VSW = -3 V to 3 V
C_EXT = Float
50
mΩ
RFLAT
On resistance flatness
ISW = 100 mA, VSW = -3 V to 3 V,
C_EXT = Float
10
mΩ
Note:
(1) Only valid for VSW > 0 V.
(2) VMUTE ≤ VCC + 0.3 otherwise additional input leakage current may flow.
(3) Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com