Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO32276 Datasheet(PDF) 5 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO32276
Description  DPDT (0.8 Ω) HiFi Audio Switch with Negative Swing
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO32276 Datasheet(HTML) 5 Page - DIOO MICROCIRCUITS CO., LTD

  DIO32276 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO32276 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO32276 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO32276 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO32276 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO32276 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO32276 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO32276 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO32276 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
DIO32276
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD
DIO32276• Rev. 2.0
AC Electrical Characteristics
VCC = 1.65 to 5.5 V, VCC (Typ.) = 3.3 V, TA = 25°C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tMUTE_ON
Enable time
(MUTE to output)
L1 = R1 = L2 = R2 = 1.5 V,
LSPKR, RSPKR = 50 Ω to GND,
SEL = 0 or VCC
C_EXT = Float
0.75
ms
C_EXT = 0.1 µF
300
tON_MUTE
Disable time
(MUTE to output)
L1 = R1 = L2 = R2 = 1.5 V,
LSPKR, RSPKR = 50 Ω to GND,
SEL = 0 or VCC
C_EXT = Float
200
ns
C_EXT = 0.1 µF
150
tON_SEL
Turn-on time
(SELto output)
L1(L2) = R1(R2) = 1.5 V, L2(L1)
= R2(R1) = 0 V,
LSPKR, RSPKR = 50 Ω to GND,
SEL = 0 or VCC; MUTE = 0
C_EXT = Float
0.75
ms
C_EXT = 0.1 µF
300
tOFF_SEL
Turn-on time
(SELto output)
L1(L2) = R1(R2) = 1.5 V, L2(L1)
= R2(R1) = 0 V,
LSPKR,RSPKR = 50 Ω to GND,
SEL = 0 or VCC; MUTE = 0
C_EXT = Float
200
ns
C_EXT = 0.1 µF
150
tBBM
Break-before-make
time (SELto output)
L1(L2) = R1(R2) = 1.5 V,
LSPKR, RSPKR = 50 Ω to GND, SEL = 0 or VCC;
C_EXT = Float, MUTE = 0 V
750
µs
OIRR
Off-Isolation (1)
f = 1 kHz, RL = 50 Ω, CL = 0 pF,
MUTE = 0, VSW = 1 VRMS
-110
dB
f = 80 kHz, RL = 50 Ω, CL = 0 pF,
MUTE = 0, VSW = 1 VRMS
-80
OIRRM
Off-isolation- muted (1)
f = 1 kHz, RL = 50 Ω, CL = 0 pF,
MUTE = VCC; VSW = 1 VRMS
-110
dB
f = 80 kHz, RL = 50 Ω, CL= 0 pF,
MUTE = VCC; VSW = 1 VRMS
-80
XTALK
Cross-talk (Adjacent)(1) f = 1 kHz, RL = 50 Ω, VSW = 1 VRMS
-110
dB
BW
-3 dB bandwidth (1)
RL = 50 Ω
550
MHz
PSRR
Power supply rejection
ratio (1)
VPSRR = VCC+100 mVRMS,
RL = 32 Ω (at LSPKR, RSPKR, MUTE = 0 or VCC,
f =1 kHz, VSW = GND or Float)
-100
dB
THD+N
Total harmonic
distortion + Noise (1)
RL = 600 Ω, f = 1 kHz,
VSW = 2 VRMS, With A-weighted
-110
dB
RL = 32 Ω, f = 1 kHz,
VSW = 1 VRMS, with A-weighted
-100
dB
RL = 16 Ω, f = 1 kHz,
VSW = 0.5 VRMS, with A-weighted
-100
dB
Note:
(1) Guaranteed by characterization. Not production tested.
(2) Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com