Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO32276 Datasheet(PDF) 3 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO32276
Description  DPDT (0.8 Ω) HiFi Audio Switch with Negative Swing
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO32276 Datasheet(HTML) 3 Page - DIOO MICROCIRCUITS CO., LTD

  DIO32276 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO32276 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO32276 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO32276 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO32276 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO32276 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO32276 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO32276 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO32276 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DIO32276
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD
DIO32276• Rev. 2.0
Absolute Maximum Ratings
Stresses beyond those listed under the Absolute Maximum Rating table may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other condition beyond those indicated in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability. DIOO does not recommend exceeding them or designing to absolute maximum ratings.
Symbol
Parameter
Min
Max
Unit
VCC
Supply/Control voltage
-0.3
6.0
V
VCNTRL
Control input voltage
SEL, MUTE
-0.3
6.0
V
VSW
DC switch I/O voltage
L1, L2, R1, R2, LSPKR, RSPKR
-3.5
6
V
IIK
ESD input diode current
-50
mA
ISW
Switch I/O current
700
mA
TA
Absolute maximum operating temperature
-40
85
°C
TSTG
Storage temperature
-65
150
°C
ESD
Human body model
All pins
±5.5
kV
Recommend Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended operating
conditions are specified to ensure optimal performance to the datasheet specifications.
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply voltage
1.65
3.3
5.5
V
VSW
DC switch I/O voltage
L1, L2, R1, R2, LSPKR, RSPKR
-3.0
5.5
V
VCNTRL
Control input voltage
SEL, MUTE
0
VCC
V
ISW
DC switch I/O current
100
mA
TA
Ambient operating temperature
-40
25
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com