Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO32276 Datasheet(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO32276
Description  DPDT (0.8 Ω) HiFi Audio Switch with Negative Swing
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO32276 Datasheet(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIO32276 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO32276 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO32276 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO32276 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO32276 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO32276 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO32276 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO32276 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO32276 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Rev 2.0
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD
DIO32276• Rev. 2.0
DIO32276
DPDT (0.8 Ω) HiFi Audio Switch with Negative Swing
Features
Power supply voltage range: 1.65 to 5.5 V
RON = 0.8 Ω (Typ.) at 3.3 V
THD+N = -110 dB; 2 VRMS, 600 Ω load; f = 1 kHz
XTALK = -110 dB at 1 VRMS, 50 Ω load; f = 1 kHz
Off isolation = -110 dB at 1 VRMS, 50 Ω load;
f = 1 kHz
External capacitor connection for pop and
click noise suppression
Power-off protection on common ports
DQFN 1.8*1.8-12 package
VCC = 0 V/float, all switch-I/O Hi-Z
Applications
Mobile phones
Tablets
Notebook PCs
Media players
Docking stations
TVs
Set-top boxes
LCD monitors
Descriptions
The DIO32276 is a high-performance, double-pole
double-throw (DPDT) analog switch with negative
VCC swing audio capability. The DIO32276 is
featured in ultra-low audio RON of 0.8 Ω (typical) at
3.3 V . The DIO32276 operates over a VCC range of
1.65 to 5.5 V, and it is made of sub-micron CMOS
technology to achieve fast switching speeds,
aiming at break-before-make operation. When it is
operating, the turn-on ramp time is selectable by
using an external capacitor (C_EXT) to minimize
pop and click during operation.
The DIO32276 is advantaged in THD+N
specifications which target a Hi-Fidelity audio
quality into both 32 Ω headphones and line out
type loads ( > 600 Ω).
Figure 1. Application block diagram
Ordering Information
Ordering Part No.
Top Marking
MSL
RoHS
TA
Package
DIO32276LN12
YWHE
1
Green
-40 to 85°C
DQFN1.8*1.8-12
Tape & Reel, 3000


Similar Part No. - DIO32276

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO32051 DIOO-DIO32051 Datasheet
2Mb / 14P
0.5 MHz, 24 μA, Rail-to-Rail I/O CMOS Amplifier
Rev 1.6
DIO32051A DIOO-DIO32051A Datasheet
852Kb / 9P
0.5 MHz, 24 μA, High Performance CMOS Amplifier
Rev 1.9
DIO32051ACN4 DIOO-DIO32051ACN4 Datasheet
852Kb / 9P
0.5 MHz, 24 μA, High Performance CMOS Amplifier
Rev 1.9
DIO32051ASC5 DIOO-DIO32051ASC5 Datasheet
2Mb / 14P
0.5 MHz, 24 μA, Rail-to-Rail I/O CMOS Amplifier
Rev 1.6
DIO32051AST5 DIOO-DIO32051AST5 Datasheet
2Mb / 14P
0.5 MHz, 24 μA, Rail-to-Rail I/O CMOS Amplifier
Rev 1.6
More results

Similar Description - DIO32276

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA6157 FAIRCHILD-FSA6157 Datasheet
198Kb / 2P
Negative-Swing Audio or Video Switch
logo
ON Semiconductor
NS5S1153 ONSEMI-NS5S1153 Datasheet
306Kb / 9P
DPDT USB 2.0 High Speed / Audio Switch with Negative Swing Capability
December, 2009 ??Rev. 0
logo
NXP Semiconductors
NX5L2750C PHILIPS-NX5L2750C_15 Datasheet
161Kb / 16P
Analog switch with negative swing audio capability
Rev. 2-7 May 2014
logo
ON Semiconductor
FSA2275 ONSEMI-FSA2275 Datasheet
453Kb / 11P
DPDT HiFi Audio Switch w/Negative Swing
August 2016 Rev. 1.7
FSA2276 ONSEMI-FSA2276 Datasheet
456Kb / 11P
DPDT HiFi Audio Switch w/ Negative Swing
June 2016 Rev. 1.0
FSA2380 ONSEMI-FSA2380 Datasheet
396Kb / 13P
3:1 Negative Swing Audio Source Switch
January 2015 Rev. 1.12
FSA6157 ONSEMI-FSA6157 Datasheet
547Kb / 12P
Negative-Swing Audio or Video Switch
August 2009 Rev. 1.0.2
logo
Will Semiconductor Ltd.
WAS4729QB WILLSEMI-WAS4729QB Datasheet
686Kb / 9P
Low On Resistance (0.8廓) Dual SPDT Analog Switch with Negative Swing Audio Capability
WAS4768Q WILLSEMI-WAS4768Q Datasheet
1Mb / 11P
DPDT USB2.0 Hi-Speed (480Mbps) and HiFi Audio Switches with Negative Swing Capability
logo
NXP Semiconductors
NX5L2750CGU NXP-NX5L2750CGU Datasheet
238Kb / 16P
Analog switch with negative swing audio capability
Rev.2.1-12February2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com