Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO32276 Datasheet(PDF) 6 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO32276
Description  DPDT (0.8 Ω) HiFi Audio Switch with Negative Swing
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO32276 Datasheet(HTML) 6 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO32276 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO32276 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO32276 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO32276 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO32276 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO32276 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO32276 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO32276 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO32276 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
DIO32276
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD
DIO32276• Rev. 2.0
Capacitance
Unless otherwise stated, VCC = 1.65 to 5.5 V, VCC (Typ.) = 3.3 V, and TA = 25°C.
Note:
(1) Guaranteed by characterization. Not production tested.
(2) Specifications subject to change without notice.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
CON
On capacitance
(Common port)
(1)
f = 1 MHz, 100 mVPK-PK, 100 mV
DC bias MUTE = 0 V
10
pF
COFF1
Off capacitance
(Common port)
(1)
f = 1 MHz, 100 mVPK-PK, 100 mV
DC bias MUTE = VCC
10
pF
COFF2
Off capacitance
(Non-common ports)
(1)
f = 1 MHz,100 mVPK-PK, 100 mV
DC bias MUTE = 0 V
5
pF
COFF-MUTE
Off capacitance - MUTED
(Non-common ports)
(1)
f = 1 MHz,100 mVPK-PK, 100 mV
DC bias, MUTE = VCC
5
pF
CCNTRL
Control input pin capacitance
(MUTE, SEL)
(1)
f = 1 MHz, 100 mVPP,
100 mV DC bias
SEL
3
pF
MUTE
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com