Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7220 Datasheet(PDF) 3 Page - ams-OSRAM AG

Part # AS7220
Description   Calibrated CCT and Lumen Maintenance Smart Lighting Manager
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7220 Datasheet(HTML) 3 Page - ams-OSRAM AG

  AS7220 Datasheet HTML 1Page - ams-OSRAM AG AS7220 Datasheet HTML 2Page - ams-OSRAM AG AS7220 Datasheet HTML 3Page - ams-OSRAM AG AS7220 Datasheet HTML 4Page - ams-OSRAM AG AS7220 Datasheet HTML 5Page - ams-OSRAM AG AS7220 Datasheet HTML 6Page - ams-OSRAM AG AS7220 Datasheet HTML 7Page - ams-OSRAM AG AS7220 Datasheet HTML 8Page - ams-OSRAM AG AS7220 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
Page 2
ams Datasheet
Document Feedback
[v1-00] 2017-Feb-16
AS7220 − General Description
Key Benefits & Features
The benefits and features of this device are listed below:
Figure 1:
Added Value of Using AS7220
Applications
Autonomous, solid-state lighting manager for precision fixed
CCT and daylight harvesting:
• Configurable CCT and/or lumen maintenance
applications
• Luminaires intended to meet California Title 24
daylighting requirements
Benefits
Features
• Accurate maintenance of CCT and daylight
responsive lighting
• Calibrated XYZ tri-stimulus color sensing for direct
translation to CIE 1931/1976 standard observer color
maps
• Lifetime-calibrated sensing with minimal drift
over time or temperature
• Filter set realized by silicon interference filters
• Optional user/manufacturer configurable CCT
maintenance and/or Lumen maintenance
• If enabled, desired CCT and/or Lumen settings are
read by the Cognitive Light Engine and maintained
by using spectrally tuned light
• Compatible with standard dimmer controls and
occupancy sensors
• Directly interfaces to 0-10V dimmer controls and
standard occupancy sensors
• Directly interfaces to LED string circuity via
PWM outputs
• Built-in PWM generators to dim and control
warm/cool luminaire LED strings
• 12-bit resolution for precise control down to 1%
• Directly interfaces to ballast via 0-10V
• 0-10V analog output for control of conventional
dimming ballasts in a current steering design
• Small package, wide operating range with
critical optics built-in
• 20-pin LGA package 4.5mm x 4.7mm x 2.5mm with
integrated aperture
• -40 °C to 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com