Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7220 Datasheet(PDF) 15 Page - ams-OSRAM AG

Part # AS7220
Description   Calibrated CCT and Lumen Maintenance Smart Lighting Manager
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7220 Datasheet(HTML) 15 Page - ams-OSRAM AG

Back Button AS7220 Datasheet HTML 11Page - ams-OSRAM AG AS7220 Datasheet HTML 12Page - ams-OSRAM AG AS7220 Datasheet HTML 13Page - ams-OSRAM AG AS7220 Datasheet HTML 14Page - ams-OSRAM AG AS7220 Datasheet HTML 15Page - ams-OSRAM AG AS7220 Datasheet HTML 16Page - ams-OSRAM AG AS7220 Datasheet HTML 17Page - ams-OSRAM AG AS7220 Datasheet HTML 18Page - ams-OSRAM AG AS7220 Datasheet HTML 19Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
Page 14
ams Datasheet
Document Feedback
[v1-00] 2017-Feb-16
AS7220 − Detailed Description
XYZ Chromatic White Color Sensor
The XYZ chromatic white/color sensor, part of the AS7220
Cognitive Light Engine (CLE), is a next-generation digital color
sensor device. The sensor contains an integrating
analog-to-digital converter (16-bit resolution ADC), which
integrates current from photodiodes. Upon completion of the
conversion cycle, the result is transferred to the corresponding
data registers. Transfers are double-buffered to ensure integrity
of the data is maintained.
AS7220 Inputs
Figure 16:
VDDHV Based Settings for Inputs
Note(s):
1. For VDDHV <= 3.6V, VDDHV and VDD should be tied together.
2. With external dividers connected to 0-10V inputs, the max voltage to the device input is 2V.
Figure 17:
0-10V Dimming Pin Input
For the AS7220, dimming is accomplished from the input pin
(0_10V_DIM). Local hardware inputs can be provided by, for
example, a slide control dimmer. The 0-10V DIM analog input
signal is downscaled by the AS7220 with an internal voltage
divider and converted to a 10 bit digital value, 0V=full dimming,
10V=no dimming. When using the internal voltage divider the
voltage at the VDDHV pin has to be higher than 10V, typically
12V.
VDDHV
Dimming
10.5-15V
Direct input for 0_10V_DIM, dimming input
2.97-10V (1)
External 5:1 resistor divider for 0-10V_DIM, dimming input (2)
0_10V_DIM
0_10V_DIM Input
AS7220
CLE
10V
0
ADC
VDD
VDDHV
3.3V
12V
0-10V
0_10V_DIM Input
AS7220
CLE
10V
0
ADC
VDD
VDDHV
3.3V
5:1
Rin=200k typ.
0_10V_DIM
MODE
MODE
RMODE
RMODE
0-10V range
0-2V
range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com