Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7220 Datasheet(PDF) 16 Page - ams-OSRAM AG

Part # AS7220
Description   Calibrated CCT and Lumen Maintenance Smart Lighting Manager
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7220 Datasheet(HTML) 16 Page - ams-OSRAM AG

Back Button AS7220 Datasheet HTML 12Page - ams-OSRAM AG AS7220 Datasheet HTML 13Page - ams-OSRAM AG AS7220 Datasheet HTML 14Page - ams-OSRAM AG AS7220 Datasheet HTML 15Page - ams-OSRAM AG AS7220 Datasheet HTML 16Page - ams-OSRAM AG AS7220 Datasheet HTML 17Page - ams-OSRAM AG AS7220 Datasheet HTML 18Page - ams-OSRAM AG AS7220 Datasheet HTML 19Page - ams-OSRAM AG AS7220 Datasheet HTML 20Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
ams Datasheet
Page 15
[v1-00] 2017-Feb-16
Document Feedback
AS7220 − Detailed Description
If a second supply is not available, VDDHV and VDD are tied
together and the downscale has to be implemented using an
external resistor divider. The maximum range in the
downscaled input is limited to 2V. Hence to accept a full range
10V signal the input resistor divider has to be 5:1 ratio.
Dependent on the level at pin VDDHV the Smart Lighting
Manager automatically scales the internal A/D for either a 0-2V
or 0-10V range. Refer to the Figures above. If the 0_10V_DIM
pin is not used, an external resister pull-up connecting it to
VDDHV is recommended.
Figure 18:
AUX Input
The AUX input is used as a sensor input to allow additional
control, in addition to the 0-10V slider dimming function the 0_
10V_DIM pin does. The sensed AUX voltage is scaled and used
to multiply the dimming scale. The auxiliary sensor input (AUX)
has a 0-3V range for its default analog sensing mode. With this
0-3V range external ranges such as 0-10V can be
accommodated using external resister divider networks such
as a 10:3 network for a 0-10V occupancy sensor. The AUX pin
can also be configured for digital sensing (0, 1 where 1=VDD)
in one of two ways. A flash memory reserved location can be
set when programming the Flash device for operation, or
external I²C access port expanders native to the AS7220 can be
used to set digital sensing. Refer to the separate AS7220 User
Guide for detailed design information for AUX usage. If the AUX
pin is not used, an external resistor pull-up connecting it to VDD
is recommended.
External sensors with native support by the AS7220 can be
added via the I²C master interface. For example the ams
TSL4531 can be used to add Daylighting operation to the
AS7220. Once the TSL4531 is detected by the AS7220, and the
DAY_EN pin has been set to 1 (VDD), daylighting operation
begins.
Lumen and/or CCT maintenance can also be configured two
ways. One is by programming reserved AS7220 flash memory
locations when the entire memory is being programmed.
AUX
AUX Input
AS7220
CLE
3V
0
ADC
VDD
VDDHV
3.3V
12V
0-10V
AUX Input
AS7220
CLE
10V
0
ADC
VDD
VDDHV
3.3V
10:3
Rin=200k typ.
AUX
MODE
MODE
RMODE
RMODE
0-3V range
0-3V
range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com