Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7220 Datasheet(PDF) 17 Page - ams-OSRAM AG

Part # AS7220
Description   Calibrated CCT and Lumen Maintenance Smart Lighting Manager
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7220 Datasheet(HTML) 17 Page - ams-OSRAM AG

Back Button AS7220 Datasheet HTML 13Page - ams-OSRAM AG AS7220 Datasheet HTML 14Page - ams-OSRAM AG AS7220 Datasheet HTML 15Page - ams-OSRAM AG AS7220 Datasheet HTML 16Page - ams-OSRAM AG AS7220 Datasheet HTML 17Page - ams-OSRAM AG AS7220 Datasheet HTML 18Page - ams-OSRAM AG AS7220 Datasheet HTML 19Page - ams-OSRAM AG AS7220 Datasheet HTML 20Page - ams-OSRAM AG AS7220 Datasheet HTML 21Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
Page 16
ams Datasheet
Document Feedback
[v1-00] 2017-Feb-16
AS7220 − Detailed Description
Alternately, for the flexibility of being able to set these
maintenance functions with dip switches designed into the
luminaire, the AS7220 I²C master interface can be used to
interface to I²C port expanders that are native to the AS7220.
These ports are then automatically used to read dip-switch
settings for maintenance. Refer to the separate AS7220 User
Guide for detailed design information for Lumen and CCT
maintenance.
The AS7220 can also use an input, the LDIM pin, to set a
maximum LUX target for the dimmer input (0_10V_DIM pin).
The LDIM pin voltage is converted to one of five max LUX target
settings: 0 (LDIM off ), 100, 250, 500 or 1000. An LDIM setting,
other than 0 (off ), is only used if daylighting is enabled (DAY_
EN pin) and the AS7220 detects an external ams TSL4531
needed for daylighting as described above. The daylighting LUX
target is set one of two ways. If LDIM is off, the LUX target is set
after every movement of the dimmer input by briefly opening
the daylighting control loop and measuring LUX. If LDIM is on,
the dimmer input sets the LUX target by percentage (0-100%)
of the LDIM LUX maximum setting. Refer to the separate AS7220
User Guide for detailed design information for LDIM operation.
Synchronization and Reset
Figure 19:
Synchronization and Reset Circuit
Synchronization and Reset Circuit: This figure shows the basic diagram when using reset and synchronization
function together.
AS7220 provides optional synchronization of the PWMs. This
sync signal can be derived from the AC mains to enable all
luminaires in a room to be synchronized to prevent beat
frequency flicker. If the SYNC pin is left open, synchronization
is automatically disabled by the internal pull-up connected to
the SYNC/RESN pin.
Refer to the Figure above. When pulled down for more than
100ms the SYNC/RESN pin will reset the AS7220 Smart Lighting
Manager. In this case the push-button “overrides” the output of
the opto-coupler. Therefore a resistor should be placed in series
with the opto-coupler.
SYNC and Reset
CLE
SYNC/
RESN
Opto Coupler
AC Main
Push > 100ms
10k
optional



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com