Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7220 Datasheet(PDF) 14 Page - ams-OSRAM AG

Part # AS7220
Description   Calibrated CCT and Lumen Maintenance Smart Lighting Manager
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7220 Datasheet(HTML) 14 Page - ams-OSRAM AG

Back Button AS7220 Datasheet HTML 10Page - ams-OSRAM AG AS7220 Datasheet HTML 11Page - ams-OSRAM AG AS7220 Datasheet HTML 12Page - ams-OSRAM AG AS7220 Datasheet HTML 13Page - ams-OSRAM AG AS7220 Datasheet HTML 14Page - ams-OSRAM AG AS7220 Datasheet HTML 15Page - ams-OSRAM AG AS7220 Datasheet HTML 16Page - ams-OSRAM AG AS7220 Datasheet HTML 17Page - ams-OSRAM AG AS7220 Datasheet HTML 18Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
ams Datasheet
Page 13
[v1-00] 2017-Feb-16
Document Feedback
AS7220 − Detailed Description
AS7220 Smart Lighting Manager - Overview
The Cognitive Light Engine (CLE) is the “brains” of the Smart
Lighting Manager. The CLE constantly processes information
from the calibrated XYZ chromatic white/color sensor and
inputs while controlling outputs. AS7220 initial setup and
ongoing parameter storage is automatically performed by
software within the required external serial flash memory, via
SPI bus.
XYZ color point response is implemented via standard observer
interference filters which are extremely stable over time and
temperature. Filter accuracy is affected by the optical angle of
incidence which itself is limited by an integrated aperture and
an internal micro-lens structure in the AS7220. The package
field of view (PFOV) is ±20.5° to deliver the specified accuracy.
External optics can be used as needed to expand or reduce this
built in PFOV.
A luminaire solution for chromatic white/color maintenance
with CCT maintenance and/or lumen maintenance requires the
AS7220. A luminaire solution with chromatic white
color/maintenance, lumen maintenance and daylighting
requires only the addition of an ams TSL4531 single chip
ambient light sensor, connected via I²C. Refer to the table in
Figure 15 below.
Overall AS7220 timing generation uses an on chip 16MHz
temperature compensated oscillator for master clock timing.
Refer to the separate AS7220 User Guide for additional usage
and setup information.
Figure 15:
AS7220 Solution Chart
Solution Required
Device Orientation
(from luminaire light source)
Chromatic Color
Maintenance
Lumen
Maintenance
Daylighting
AS7220
TSL4531
(optional)
√√
×
↑
(into luminaire)
×
(not required)
√√
√
↑
(into luminaire)
↓
(into room)
Detailed Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com