Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7220 Datasheet(PDF) 5 Page - ams-OSRAM AG

Part # AS7220
Description   Calibrated CCT and Lumen Maintenance Smart Lighting Manager
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7220 Datasheet(HTML) 5 Page - ams-OSRAM AG

  AS7220 Datasheet HTML 1Page - ams-OSRAM AG AS7220 Datasheet HTML 2Page - ams-OSRAM AG AS7220 Datasheet HTML 3Page - ams-OSRAM AG AS7220 Datasheet HTML 4Page - ams-OSRAM AG AS7220 Datasheet HTML 5Page - ams-OSRAM AG AS7220 Datasheet HTML 6Page - ams-OSRAM AG AS7220 Datasheet HTML 7Page - ams-OSRAM AG AS7220 Datasheet HTML 8Page - ams-OSRAM AG AS7220 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
Page 4
ams Datasheet
Document Feedback
[v1-00] 2017-Feb-16
AS7220 − Pin Assignments
Figure 3:
Pin Diagram of AS7220 (Top View)
Figure 4:
Pin Description of AS7220 (20 Pin LGA)
Pin Number
Pin Name
Description
1
PWM_3
Digital PWM 3
2
SYNC
SYNC input
RESN
Reset pin, active low
3
SCK
SPI serial clock
4MOSI
SPI MOSI
5MISO
SPI MISO
6
CSN_EE
Chip select for the required external serial flash memory, active low
7
CSN_SD
Chip select for SD Card interface, active low
8
AUX
Auxiliary mode input pin
9
SCL_M
I²C master clock pin
10
SDA_M
I²C master data pin
11
DAY_EN
Daylight enable, active high
12
LDIM_MAX
Sets maximum lumen for 0_10V_DIM inputs
Pin Assignments
1
5
610
11
15
16
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com