Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7421 Datasheet(PDF) 40 Page - ams-OSRAM AG

Part # AS7421
Description  64-Channel Hyperspectral NIR Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7421 Datasheet(HTML) 40 Page - ams-OSRAM AG

Back Button AS7421 Datasheet HTML 36Page - ams-OSRAM AG AS7421 Datasheet HTML 37Page - ams-OSRAM AG AS7421 Datasheet HTML 38Page - ams-OSRAM AG AS7421 Datasheet HTML 39Page - ams-OSRAM AG AS7421 Datasheet HTML 40Page - ams-OSRAM AG AS7421 Datasheet HTML 41Page - ams-OSRAM AG AS7421 Datasheet HTML 42Page - ams-OSRAM AG AS7421 Datasheet HTML 43Page - ams-OSRAM AG AS7421 Datasheet HTML 44Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 53 page
background image
Document Feedback
AS7421
Register Description
Datasheet
• PUBLIC
DS000667
• v2-00 • 2022-Oct-13
52
│ 39
10.2.13
INT_EN Register (Address 0x6C)
Figure 43:
INT_EN Register
Addr: 0x6C
INT_EN
Bit
Bit Name
Default
Access
Bit Description
5
EN_DLOST
0
RW
1: Enable data lost interrupt.
4
EN_DSAT
0
RW
1: Enable digital saturation interrupt.
3
EN_ASAT
0
RW
1: Enable analog saturation interrupt.
2
EN_TSD
0
RW
1: Enable temperature shutdown interrupt.
1
EN_AZ
0
RW
1: Enable auto zero interrupt.
0
EN_ADATA
0
RW
1: Enable ADATA interrupt.
10.2.14
CFG_AZ Register (Address 0x6D)
Figure 44:
CFG_AZ Register
Addr: 0x6D
CFG_AZ
Bit
Bit Name
Default
Access
Bit Description
7
AZ_ON
0
RW
Start single autozero for all modulators and integrators
if PON=1.
6:5
AZ_WTIME
00
RW
Wait time for autozero
00: Wait time = 32 µs
01: Wait time = 64 µs
10: Wait time = 128 µs
11: Wait time = 256 µs
Do not change during LTF_EN = “1”
4
AZ_EN
0
RW
1: Enable autozero during measurements. First
autozero starts before the first measurement.
3
AZ_CYCLE
0
RW
1: Autozero is done before each integration cycle.
2:0
AZ_ITERATION
00
RW
Autozero
is done every 2 x ”AZ_ITERATION”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com